Electronic Components Datasheet Search
  English  ▼

X  

MJKEC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MJKEC
Description  Standard Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MJKEC Datasheet(HTML) 1 Page - Vishay Siliconix

  MJKEC Datasheet HTML 1Page - Vishay Siliconix MJKEC Datasheet HTML 2Page - Vishay Siliconix MJKEC Datasheet HTML 3Page - Vishay Siliconix MJKEC Datasheet HTML 4Page - Vishay Siliconix MJKEC Datasheet HTML 5Page - Vishay Siliconix MJKEC Datasheet HTML 6Page - Vishay Siliconix MJKEC Datasheet HTML 7Page - Vishay Siliconix MJKEC Datasheet HTML 8Page - Vishay Siliconix MJKEC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 05-Aug-2022
1
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Thick Film Chip Resistors
LINKS TO ADDITIONAL RESOURCES
D/CRCW e3 standard thick film chip resistors are the perfect
choice for most fields of modern electronics where high
reliability and stability are of major concern. Typical
applications include automotive, telecommunications, and
industrial.
FEATURES
• Stability at different environmental conditions
ΔR/R ≤ 1 % (1000 h rated power at 70 °C)
• 2 mm pitch packaging option for 0603 size
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial
• Telecommunication
Notes
(1) Please refer to “Application Information” below
(2) Apply to components with stability class 1
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
D10/CRCW0402
e3
D11/CRCW0603
e3
D12/CRCW0805
e3
D25/CRCW1206
e3
CRCW1210
e3
CRCW1218
e3
CRCW2010
e3
CRCW2512
e3
Imperial size
0402
0603
0805
1206
1210
1218
2010
2512
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
RR3225M
RR3246M
RR5025M
RR6332M
Resistance
range
1
Ω to 10 MΩ; jumper (0 Ω)
1
Ω to
2.2 M
Ω;
jumper
(0
Ω)
1
Ω to 10 MΩ;
jumper (0
Ω)
Resistance
tolerance
± 5 %; ± 1 %
Temperature
coefficient
± 200 ppm/K; ± 100 ppm/K
Rated
dissipation,
P70 (1)
0.063 W
0.10 W
0.125 W
0.25 W
0.5 W
1.0 W
0.75 W
1.0 W
Operating
voltage,
Umax. ACRMS/DC
50 V
75 V
150 V
200 V
200 V
200 V
400 V
500 V
Permissible film
temperature,
ϑF max. (1)
155 °C
Operating
temperature
range
-55 °C to +155 °C
Max. resistance
change at
P70 for
resistance range,
|
ΔR/R|, after (2):
1000 h
≤ 1 %
8000 h
≤ 2 %
Permissible
voltage
against ambient
(insulation):
1 min,
Uins
75 V
100 V
200 V
300 V
300 V
300 V
300 V
300 V
Failure rate:
FITobserved
≤ 0.1 x 10-9/h


Similar Part No. - MJKEC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJK31C ONSEMI-MJK31C Datasheet
1Mb / 6P
Power Transistor, NPN, Dual General Purpose 100 V, 3 A
April, 2022 - Rev. 0
MJK31CTWG ONSEMI-MJK31CTWG Datasheet
1Mb / 6P
Power Transistor, NPN, Dual General Purpose 100 V, 3 A
April, 2022 - Rev. 0
MJK44H11 ONSEMI-MJK44H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK44H11TWG ONSEMI-MJK44H11TWG Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
More results

Similar Description - MJKEC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06036K65FKEA VISHAY-CRCW06036K65FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251247R0JNEG VISHAY-CRCW251247R0JNEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com