Electronic Components Datasheet Search
  English  ▼

X  

BLF2047 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF2047
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF2047 Datasheet HTML 4Page - NXP Semiconductors BLF2047 Datasheet HTML 5Page - NXP Semiconductors BLF2047 Datasheet HTML 6Page - NXP Semiconductors BLF2047 Datasheet HTML 7Page - NXP Semiconductors BLF2047 Datasheet HTML 8Page - NXP Semiconductors BLF2047 Datasheet HTML 9Page - NXP Semiconductors BLF2047 Datasheet HTML 10Page - NXP Semiconductors BLF2047 Datasheet HTML 11Page - NXP Semiconductors BLF2047 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Dec 02
8
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047
handbook, full pagewidth
BLF2047 INPUT
PH990109
BLF2047 OUTPUT
PH990110
MGS921
VDD
VGS
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
F1
R2
R1
C4
C3
C1
C2
BLF2047 INPUT
PH990109
BLF2047 OUTPUT
PH990110
50
95
50
Fig.10 Component layout for 2.2 GHz class-AB test circuit.
Dimensions in mm.
The components are situated on one side of the copper-clad printed-circuit board with Teflon dielectric (
εr = 2.2), thickness 0.79 mm.
The other side is unetched and serves as a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com