Electronic Components Datasheet Search
  English  ▼

X  

LT3463 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT3463
Description  Dual Micropower DC/DC Converters with Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3463 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT3463 Datasheet HTML 1Page - Linear Integrated Systems LT3463 Datasheet HTML 2Page - Linear Integrated Systems LT3463 Datasheet HTML 3Page - Linear Integrated Systems LT3463 Datasheet HTML 4Page - Linear Integrated Systems LT3463 Datasheet HTML 5Page - Linear Integrated Systems LT3463 Datasheet HTML 6Page - Linear Integrated Systems LT3463 Datasheet HTML 7Page - Linear Integrated Systems LT3463 Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT3463/LT3463A
3463f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VIN, SHDN1, SHDN2 Voltage ................................... 15V
SW1, SW2, VOUT1 Voltage ....................................... 42V
D2 Voltage ............................................................. –42V
FB1, FB2 Voltage Range .............................. –0.3V to 2V
Junction Temperature ........................................... 125
°C
Operating Ambient Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART
NUMBER
LT3463EDD
LT3463AEDD
DD PART MARKING
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
2.2
2.4
V
Total Quiescent Current
For Both Switchers, Not Switching
40
60
µA
Shutdown Current
VSHDN1 = VSHDN2 = 0V
0.1
1
µA
VREF Pin Voltage
With 124k
Ω to GND
q
1.23
1.25
1.27
V
VREF Pin Voltage Line Regulation
With 124k
Ω to GND
0.05
0.10
%/V
FB1 Comparator Trip Voltage
High to Low Transition
q
1.225
1.25
1.275
V
FB1 Comparator Hysteresis
8mV
FB1 Line Regulation
2.5V < VIN < 15V
0.05
0.10
%/V
FB1 Pin Bias Current (Note 3)
VFB1 = 1.3V
q
20
50
nA
FB2 Comparator Trip Voltage
Low to High Transition
q
03
12
mV
FB2 Comparator Hysteresis
8mV
FB2 Line Regulation (VREF – VFB2)
2.5V < VIN < 15V
0.05
0.10
%/V
FB2 Pin Bias Current (Note 4)
VFB2 = –0.1V
q
20
50
nA
SW1 Switch Off Time
VOUT1 – VIN = 4V
300
ns
VOUT1 – VIN = 0V
1.5
µs
SW2 Switch Off Time
VFB2 < 0.1V
300
ns
VFB2 = 1V
1.5
µs
Switch VCESAT (SW1, SW2)
ISW = 150mA
180
mV
Switch Current Limit (SW1)
180
250
320
mA
Switch Current Limit (SW2)
LT3463
180
250
320
mA
LT3463A
320
400
460
mA
Swith Leakage Current (SW1, SW2)
Switch Off, VSW = 42V
0.01
1
µA
Schottky Forward Voltage (VOUT1, D2)
ID = 150mA
750
mV
Schottky Reverse Leakage Current
VOUT1 – VSW = 42V
1
5
µA
VD2 = –42V
1
5
µA
SHDN1 Pin Current
VSHDN1 = 2.5V
4
10
µA
SHDN2 Pin Current
VSHDN2 = 2.5V
4
10
µA
SHDN1/SHDN2 Start-Up Threshold
0.3
1
1.5
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3463/LT3463A are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND
AND MUST BE SOLDERED TO PCB
LAFC
LBJK
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
FB1
SHDN1
SHDN2
VREF
FB2
VOUT1
SW1
VIN
SW2
D2
11
operating ambient temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Bias current flows into the FB1 pin.
Note 4: Bias current flows out of the FB2 pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com