Electronic Components Datasheet Search
  English  ▼

X  

KTC4075V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4075V
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4075V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4075V Datasheet HTML 1Page - KEC(Korea Electronics) KTC4075V Datasheet HTML 2Page - KEC(Korea Electronics) KTC4075V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 12. 5
2/3
KTC4075V
Revision No : 1
0
40
30
3
1
0.3
0.1
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
0.1
0.1
0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
f
- I
C
COLLECTOR CURRENT I
(mA)
0.1
3k
10
0.01
0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
12345
67
80
120
160
200
240
I =0.2mA
B
COMMON EMITTER
Ta=25 C
FE
C
10
30
100
300
50
100
300
500
1k
CE(sat)
C
0.3
1
3
10
30
100
300
0.03
0.05
0.1
0.3
0.5
1
Ta
=100
C
Ta=25 C
Ta=-25 C
COMMON EMITTER
I /I =10
C
B
C
BE(sat)
0.3
1
10
30
100
300
3
0.3
0.5
1
3
5
10
COMMON EMITTER
I /I =10
Ta=25 C
C
B
TC
0.3
1
3
10
30
100
300
30
50
100
300
500
1k
COMMON EMITTER
V
=10V
Ta=25 C
CE
B
BE
0.2
0.4
0.6
0.8
1.0
1.2
1
3
10
30
100
300
1k
0.5
0
1.0
2.0
3.0
5.0
6.0
10
COMMON EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V
=6V
CE
CE
V
=1V
3k
COMMON
EMITTER
V
=6V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com