Electronic Components Datasheet Search
  English  ▼

X  

BLF244 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF244
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF244 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF244 Datasheet HTML 3Page - NXP Semiconductors BLF244 Datasheet HTML 4Page - NXP Semiconductors BLF244 Datasheet HTML 5Page - NXP Semiconductors BLF244 Datasheet HTML 6Page - NXP Semiconductors BLF244 Datasheet HTML 7Page - NXP Semiconductors BLF244 Datasheet HTML 8Page - NXP Semiconductors BLF244 Datasheet HTML 9Page - NXP Semiconductors BLF244 Datasheet HTML 10Page - NXP Semiconductors BLF244 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 1992
7
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF244
Fig.11 Load power as a function of input power,
typical values.
Class-B operation; VDS = 12.5 V; IDQ = 25 mA;
f = 175 MHz; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
01
2
20
0
10
MGP159
PL
(W)
PIN (W)
Fig.12 Power gain and efficiency as functions of
load power, typical values.
Class-B operation; VDS = 12.5 V; IDQ = 25 mA;
f = 175 MHz; Th =25 °C; Rth mb-h = 0.3 K/W.
handbook, halfpage
0
20
12
8
16
4
100
80
60
40
20
48
16
12
MGP160
Gp
(dB)
PL (W)
ηD
(%)
Gp
ηD
Fig.13 Test circuit for class-B operation.
f = 175 MHz.
handbook, full pagewidth
MGP161
50
Ω
input
C1
L1
L3
D.U.T.
L4
L5
L6
C7
C14
L8
L7
C3
C2
C4
C5
C6
C8
C13
C10
C9
C11
C12
R3
50
Ω
output
L2
R1
R2
+VG
+VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com