Electronic Components Datasheet Search
  English  ▼

X  

LT210 Datasheet(PDF) 4 Page - LETEX TECHNOLOGY CORP.

Part # LT210
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT210 Datasheet(HTML) 4 Page - LETEX TECHNOLOGY CORP.

  LT210 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT210 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT210 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT210 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LT210
Rev.B
Letex Technology Corp.
Taping Specifications for Surface Mount Devices
Direction of feed
Unit : mm
Label sticking position
Unit : mm
Tolerance : ±0.1
Recommended Mounting Pad
(Top view)
Marking
(Each photo MOS Relay shall be marked
with the following information)
R963
LT210
LETEX
Brand Name
Part Name
Date Code
RoHS
Weeks
Year
Monthly
R963
Note: 1. There shall be leader of 230 mm minimum which may consist of carrier and or cover tape
follower by a minimum of 160 mm of carrier tape sealed with cover tape.
2. There shall be a minimum of 160 mm of empty component pockets sealed with cover tape.
3. Devices are pockets in accordance with EIA standard EIA-481-A and specifications given above.
4. Packaging: 2,000pcs per reel, 2 reel per box, 5 boxes per carton.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com