Electronic Components Datasheet Search
  English  ▼

X  

LX1990 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1990
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1990 Datasheet HTML 1Page - Microsemi Corporation LX1990 Datasheet HTML 2Page - Microsemi Corporation LX1990 Datasheet HTML 3Page - Microsemi Corporation LX1990 Datasheet HTML 4Page - Microsemi Corporation LX1990 Datasheet HTML 5Page - Microsemi Corporation LX1990 Datasheet HTML 6Page - Microsemi Corporation LX1990 Datasheet HTML 7Page - Microsemi Corporation LX1990 Datasheet HTML 8Page - Microsemi Corporation LX1990 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
 2001
Rev. 1.0c, 2002-05-29
LX1990
Dual Programmable LED Current Sink
INTEGR A T E D
PR ODU C T S
APPLI CATIONS
APPLI CATIONS
APPLI CATIONS
APPLI CATIONS
FUNCTIONAL DESCRIPTION
The LX1990 is designed to drive LED’s used in display
illumination and signaling applications such as cellular
telephones and PDA’s. With a 5V supply, the two
independently regulated constant current outputs can drive
2 white LED’s (VF < 4.5V) in parallel, or 4 green or
amber LED’s (VF < 2.25V each) arranged as 2 parallel x 2
in series.
With Dropout voltage of only 300 mV at 20 mA, the
LX1990 provides regulated current for 2 green / amber
LED’s in a cell phone all the way down to the minimum
NiCd cutoff of 2.7 volts for three cells.
The LX1990 features resistor settable output current.
Connecting a resistor between ISET and a voltage of zero to
1.25 volts generates a current that is mirrored into each of
the output with a gain of about 100. Output current can be
varied in an analog fashion by varying ISET resistance or
termination voltage (see application schematics).
Duty cycle dimming with a fixed current amplitude is
accomplished by switching the ISET current on and off
with an open collector or open drain pulse width
modulated logic signal. Switching frequency can exceed
20 KHz, making it practical to use a PWM output channel
from popular micro controllers. The upper limit on
frequency is minimum switching response from ISET to
output. As frequency increases, these fixed delays will
cause an error in expected output current duty cycle.
All inputs and outputs are ESD and short circuit
protected making the LX1990 an exceptionally robust
component.
However
it
is
not
recommended
to
indefinitely short the ISET input to ground while shorting
the outputs to 10V as the power dissipation under these
conditions is the greatest.
APPLICATION NOTES
Each output has an independent current sink, however
both must be held above about 0.5 volts to maintain
specified current regulation accuracy. If only one output
is needed, the two outputs should be connected together
and the programming resistor value doubled so each
output supplies ½ the desired current. In this case, more
than 60 mA total current can be delivered from the
combined output.
Package power dissipation can be calculated from the
following equation:
() (
)
ED
LOAD
L
OUT
D
V
V
I
n
P
−
⋅
⋅
=
n
=
Number of outputs used
IOUT
=
Current from each output
VLOAD
=
Output Supply Voltage
VLED
=
Minimum LED forward voltage
PD
=
Power Dissipated in mW
When the ENA input is at zero volts, less than 20µA
current flows into or out of the outputs. If the disable
function is used , ENA must be driven below 0.4 volts to
insure minimum current from VDD.
The ISET pin may be driven with a digital open collector or
open drain logic PWM signal
to dim the
LED’s.
Recommended PWM frequency for dimming is between
100 Hz and 20 KHz. Below 100 Hz flicker may be
observed. Above 20 KHz duty cycle accuracy is reduced due
to switching delays from ISET to outputs. Totem pole output
drive may also be used as long as the maximum driver
voltage never exceeds the VDD supply. Since the totem pole
drive will exceed the 1.25V ISET voltage it can introduce
delays that may limit the useful frequency and maximum
dim range.
If PWM dimming is used, use separate power and ground
lines directly from the power source point to prevent noise
generated from the LED current transients from entering
video or audio subsystems on the same supply rails.
Additional power supply filtering may be needed in PWM
dimming applications. Care should be exercised in the PCB
layout to prevent coupling from the outputs to the ISET pin,
as this may cause the part to oscillate.
Current out of the ISET pin may be varied for current
amplitude dimming. There are two ways to do this: If a
mechanical input is needed, a rheostat in series with a
resistor connected from GND to ISET can be used. The
second method is to connect a fixed resistor from ISET to the
output of a voltage DAC or other low impedance voltage
source. Varying the voltage between zero and 1.25 volts will
cause a corresponding output current change from IOUT max
to zero:
SET
OUT
I
Ratio
Current
I
×
=
The ENA pin may be used to duty cycle dim the output
in applications where only one control line is available for
dimming and shutdown. A narrow current spike that may be
as high as 100 mA is produced when the ENA signal has
very fast rise times. This is not harmful to the LED, but will
cause dimming linearity errors when operating at very low
duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com