Electronic Components Datasheet Search
  English  ▼

X  

BLF246B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF246B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF246B Datasheet HTML 2Page - NXP Semiconductors BLF246B Datasheet HTML 3Page - NXP Semiconductors BLF246B Datasheet HTML 4Page - NXP Semiconductors BLF246B Datasheet HTML 5Page - NXP Semiconductors BLF246B Datasheet HTML 6Page - NXP Semiconductors BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors BLF246B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Feb 04
6
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
APPLICATION INFORMATION
RF performance in CW operation in a push-pull, common source, class-B circuit. Th =25 °C; Rth mb-h = 0.25 K/W;
unless otherwise specified.
Ruggedness in class-B operation
The BLF246B is capable of withstanding a load mismatch corresponding to VSWR = 50 : 1 through all phases under the
following conditions: VDS = 28 V; f = 175 MHz at rated output power.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
η
D
(%)
CW, class-B
175
28
2
× 50
60
>14
>55
typ. 19
typ. 65
Fig.9
Power gain and efficiency as a function of
load power; typical values per section.
Class-B operation; VDS = 28 V; IDQ =2 × 50 mA;
ZL = 4.6 + j5 Ω; f = 175 MHz.
handbook, halfpage
020
40
80
25
0
20
MGR744
60
15
10
5
100
0
80
60
40
20
Gp
η
D
Gp
(dB)
PL (W)
η
D
(%)
Fig.10 Load power as a function of input power;
typical values per section.
Class-B operation; VDS = 28 V; IDQ =2 × 50 mA;
ZL = 4.6 + j5 Ω; f = 175 MHz.
handbook, halfpage
0
2.5
100
0
20
MGR745
40
60
80
0.5
1.0
1.5
2.0
PIN (W)
PL
(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com