Electronic Components Datasheet Search
  English  ▼

X  

CS8363 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8363
Description  3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8363 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8363 Datasheet HTML 1Page - ON Semiconductor CS8363 Datasheet HTML 2Page - ON Semiconductor CS8363 Datasheet HTML 3Page - ON Semiconductor CS8363 Datasheet HTML 4Page - ON Semiconductor CS8363 Datasheet HTML 5Page - ON Semiconductor CS8363 Datasheet HTML 6Page - ON Semiconductor CS8363 Datasheet HTML 7Page - ON Semiconductor CS8363 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8363
http://onsemi.com
2
Figure 1. Block Diagram. Consult Your Local Sales Representative for Positive ENABLE Option
+
−
VIN
Overvoltage
Shutdown
Current
Limit
Bandgap
Current
Limit
Thermal
Shutdown
−
+
RESET
+
−
GND
−
+
OVSD
TSD OVSD
BG
BG
RESET
VSTBY
3.3 V, 100 mA, 2.0%
VTRK
250 mA
VIN
Adj
TSD
TSD OVSD
VSTBY
ENABLE
BG
RESET
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage, VIN
−16 to 26
V
Positive Transient Input Voltage, tr > 1.0 ms
60
V
Negative Transient Input Voltage, T < 100 ms, 1.0 % Duty Cycle
−50
V
Input Voltage Range (ENABLE, RESET)
−0.3 to 10
V
Junction Temperature
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
1. 10 seconds max.
2. 60 seconds max above 183
°C
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com