Electronic Components Datasheet Search
  English  ▼

X  

EPE6104 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPE6104
Description  10 Base-T Interface Module for Multiport Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6104 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPE6104 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6104 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The circuit below is a guideline for interconnecting PCA’s EPE6104 with NSC DP83950B Repeater/10 Base-T PHY chip over
UTP cable.
Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip
manufacturer.
Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded
signals in 10 Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken
into account in determining how well your design meets the Standard Template requirements.
Additionally, note that NSC suggests using a set of resistor networks with lower values suitable for more optimum voltage
level control. Users can obtain modules with either values from PCA (EPE6092). But please check with NSC to find which
set suits most for your specific application. EPE6104 has the lower values. Effective termination impedance offered by the
outputs of the transmit channel is 2*(62//303)//800
Ω or approximately 92Ω. Thus, bench testing of return loss needs to
add approx. 7.5
Ω on each leg of the transmit inputs to take into account the 74ACTXXXX output impedance.
Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity.
It is recommended that system designers ground the chip side center taps via a low voltage capacitor. Taking the cable
side center taps to chassis via capacitors, is not recommended, as this will add cost without containing EMI. This may
worsen EMI, specifically if the primary “common mode termination” is pulled to ground as shown.
The pull down resistors used around the RJ45 connector have been known to suppress unwanted radiation that unused
wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.08 inches away from the chip side pins of EPE6104. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
CSE6104b
Rev. -
10/24/96
10 Base-T Interface Module
for Multiport Applications
Typical Application Circuit (for one port only)
E L E C T R O N I C S I N C .
Notes : * Pin-outs shown are for Hub/Repeater Applications only.
EPE6104
DP83950B
PHY
RJ45
3
6
2
1
TX+
TXd+
RX+
RX-
EPE6104
TX+
TX-
RX+
RX-
TX-
TXd-
Chassis
Ground
8
7
45
8
6
11
9
2
1
4
3
14
16
7
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com