Electronic Components Datasheet Search
  English  ▼

X  

HCC4518B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCC4518B
Description  DUAL UP-COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4518B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCC4518B Datasheet HTML 2Page - STMicroelectronics HCC4518B Datasheet HTML 3Page - STMicroelectronics HCC4518B Datasheet HTML 4Page - STMicroelectronics HCC4518B Datasheet HTML 5Page - STMicroelectronics HCC4518B Datasheet HTML 6Page - STMicroelectronics HCC4518B Datasheet HTML 7Page - STMicroelectronics HCC4518B Datasheet HTML 8Page - STMicroelectronics HCC4518B Datasheet HTML 9Page - STMicroelectronics HCC4518B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD =0.3%/°C values, all input rise and fall time = 20ns)
Test Conditions
Value
Symbol
Parameter
VDD (V) Min.
Typ.
Max.
Unit
tPLH,
tPHL
Propagation Delay Time
(clock or enable to output)
5280
560
ns
10
115
230
15
80
160
tPLH,
tPHL,
Propagation Delay Time
(reset to output)
5330
650
ns
10
130
225
15
90
170
tTLH ,tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Clock Pulse Width
5
200
100
ns
10
100
50
15
70
35
tW
Reset Pulse Width
5
250
125
ns
10
110
55
15
80
40
tW
Enable Pulse Width
5
400
200
ns
10
200
100
15
140
70
tr,
tf
Clock or Enable Rise and Fall
Time
515
µs
10
15
15
5
fmax
Maximum Clock Frequency
5
1.5
3
MHz
10
3
6
15
4
8
tr,
tf
Clock Input Rise or Fall Time
5
15
µs
10
5
15
5
HCC/HCF4518B/4520B
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com