Electronic Components Datasheet Search
  English  ▼

X  

IXFE24N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFE24N100
Description  Single MOSFET Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE24N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFE24N100 Datasheet HTML 1Page - IXYS Corporation IXFE24N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±20V, VGS = 0V
±200 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = IT
23N100
0.43
Ω
Note 2
24N100
0.39
Ω
HiPerFETTM
Power MOSFET
Single MOSFET Die
Symbol Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
1000
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
24N100
22
A
23N100
21
A
I
DM
T
C = 25°C;
Note 1
24N100
96
A
23N100
92
A
I
AR
T
C = 25°C
24
A
E
AR
T
C = 25°C
60
mJ
E
AS
T
C = 25°C
3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C = 25°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
19
g
V
DSS
I
D25
R
DS(on)
IXFE 24N100 1000 V 22 A
0.39
Ω
Ω
Ω
Ω
Ω
IXFE 23N100 1000 V 21 A
0.43
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
Preliminary data sheet
Features
•Conforms to SOT-227B outline
•Low R
DS (on) HDMOS
TM
process
•Ruggedpolysilicongatecellstructure
•UnclampedInductiveSwitching(UIS)
rated
•Lowpackageinductance
•FastintrinsicRectifier
Applications
• DC-DC converters
• Batterychargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• Temperatureandlightingcontrols
Advantages
• Low cost
• Easy to mount
• Space savings
• High power density
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
98896 (1/02)
ISOPLUS 227TM (IXFE)
S
G
S
D


Similar Part No. - IXFE24N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFE180N10 IXYS-IXFE180N10 Datasheet
78Kb / 2P
HiPerFET-TM Power MOSFET
IXFE180N20 IXYS-IXFE180N20 Datasheet
525Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
logo
Inchange Semiconductor ...
IXFE180N20 ISC-IXFE180N20 Datasheet
583Kb / 3P
N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFE34N100 IXYS-IXFE34N100 Datasheet
434Kb / 2P
HiPerFET-TM Power MOSFET
IXFE36N100 IXYS-IXFE36N100 Datasheet
434Kb / 2P
HiPerFET-TM Power MOSFET
More results

Similar Description - IXFE24N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN180N10 IXYS-IXFN180N10 Datasheet
84Kb / 4P
HiPerFET Power MOSFET Single MOSFET Die
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
Power MOSFETs Single Die MOSFET
IXFN44N60 IXYS-IXFN44N60 Datasheet
128Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN340N07 IXYS-IXFN340N07 Datasheet
104Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFK180N10 IXYS-IXFK180N10 Datasheet
111Kb / 4P
Single MOSFET Die
IXFR34N80 IXYS-IXFR34N80 Datasheet
67Kb / 2P
Single MOSFET Die Avalanche Rated
IXFN230N10 IXYS-IXFN230N10_08 Datasheet
142Kb / 5P
Power MOSFET Single Die MOSFET
IXFL60N60 IXYS-IXFL60N60 Datasheet
537Kb / 2P
Single Die MOSFET
logo
Meder Electronic
PSMG10005 MEDER-PSMG10005 Datasheet
124Kb / 2P
Single MOSFET Die
PSMG15001 MEDER-PSMG15001 Datasheet
144Kb / 4P
Single MOSFET Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com