Electronic Components Datasheet Search
  English  ▼

X  

B3DB3 Datasheet(PDF) 10 Page - Harvatek Corporation

Part # B3DB3
Description  Top view ICRGB Chip LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B3DB3 Datasheet(HTML) 10 Page - Harvatek Corporation

Back Button B3DB3 Datasheet HTML 6Page - Harvatek Corporation B3DB3 Datasheet HTML 7Page - Harvatek Corporation B3DB3 Datasheet HTML 8Page - Harvatek Corporation B3DB3 Datasheet HTML 9Page - Harvatek Corporation B3DB3 Datasheet HTML 10Page - Harvatek Corporation B3DB3 Datasheet HTML 11Page - Harvatek Corporation B3DB3 Datasheet HTML 12Page - Harvatek Corporation B3DB3 Datasheet HTML 13Page - Harvatek Corporation B3DB3 Datasheet HTML 14Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Top view IC+RGB Chip LED
B3DB3BRG-05C-000113
7
Official Product
HT Part No. B3DB3BRG-05C-000113
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
02/07/2020
Version 1.0
Page 10/15
Sleep and power saving mode
The IC supports the sleep/wake-up modes for power-saving purpuse. In sleep mode, the built-in oscillator
and associated circuitry will be disabled. The quiencent current of the IC is approximately 1uA(typ.).
Command Setup to enable sleep or wake up mode
When recieving 24-bit 0’s GBR data (that is GREEN [7:0]=8h00, BLUE [7:0]=8h00, RED[7:0]=8h00), in the
meantime, both of the data in 3-bits’ flag and 5-bits’ DIMMING is 8h’A0’ (that is FLAG[2:0]=3b101 and
DIMMING[4:0]=5b00000), the IC will enter sleep mode.
The IC will wake up from sleep mode once receiving the new data with the data of Flag[2:0]、 DIMMING[4:0]
is not 8h"A0"; after wake-up,all sleeping circuits in the IC return to normal working mode within 1ms. Since it takes
1ms for a sleeping the IC returning to normal function mode, it is recommended for a host to wait for 1ms to send
display data and command after issuing a wake-up command.
Sleeep power-saving mode example:
Case 1:
Case 2:
In case 2, while lamp2 is under sleep mode, in the following data transfer process, the state of lamp 2 will be
not changed as long as the 32 bits data for lamp 2 is received with data of Flag[2:0]、DIMMING[4:0] being 8h”A0”.
It means lamp2 will keep in sleep mode as well. In the situation, lamp2 can pass through the remaining data to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com