Electronic Components Datasheet Search
  English  ▼

X  

AB32 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # AB32
Description  3.3V Bus Switches for PC100/PC133 DIMM Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

AB32 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  AB32 Datasheet HTML 1Page - Pericom Semiconductor Corporation AB32 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
09/16/99
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
Application Brief AB-32
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3.3V Bus Switches for PC100TM/PC133TM
DIMM Switching
by Refugio Jones August 18, 1999
In high-end PC and server applications, the Pentium IITM processor
memory bus runs at bus speeds of 100 or 133 MHz. Here, bus
switches are used to switch 100/133 MHz SDRAM modules in den-
sities of 128 MBytes and higher.
Pericom’s 3.3V DIMM bus switch series is designed with near zero
delay, low ON Resistance (five ohms), low-capacitance, and ultra-
low quiescent power.
For reliability, the unused module data pins should be connected to
ground. Figure 1 shows the application of Pericom’s PI3B16226 bus
switches in a Intel Pentium II memory system with bus speeds of
133 MHz and 133 MHz SDRAM DIMMs.
Figure 1. Using Pericom’s 3.3V Bus Switch in DIMM Switching
Application Brief AB32
Highlights
To prevent overloading, a bus switch is required where more than
three SDRAM DIMMs are connected to the bus. The block
diagram shows that the DIMM modules are connected to the
B ports of the bus switch.
The PI3B16226 (see Figure 2), has weak pull-down resistors on
B ports connected to ground. The B port gets enabled when the
switch is disabled. This ensures non-floating connections and
reliable DIMM operation.
Furthermore, PC133 applications require low ON Capacitance to
reduce bus loading under 133 MHz tight timing requirements. The
PI3B16226 provides 9pF of ON Capacitance.
(B0)
133MHz
SDRAM Module
Intel
Pentium II
Processor
(B1)
133MHz
SDRAM Module
(B2)
133MHz
SDRAM Module
(B3)
133MHz
SDRAM Module
TM
RCC
Chipset
A Ports
(133MHz)
Address Line
Data Line, 72 bits
Control Signals
Control Signal
Data Line, 72 bits
Data Line, 72 bits
B Ports
Bus Switch
24:12 - PI3B16226
32:16 - PI3B16234
TM


Similar Part No. - AB32

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
Assembly and Handling Information
logo
Microdiode Semiconducto...
AB320S CHENDA-AB320S Datasheet
741Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB320S CHENDA-AB320S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB320S CHENDA-AB320S Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
AB32C1 ETC2-AB32C1 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
More results

Similar Description - AB32

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
PC133/PC100 Unbuffered DIMM
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
PC133/PC100 Unbuffered DIMM
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
PC100 Unbuffered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
PC133/PC100 Low Profile Registered DIMM
M464S6453CKS SAMSUNG-M464S6453CKS Datasheet
80Kb / 12P
PC133/PC100 SODIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
PC133/PC100 Low Profile Registered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
PC133 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
PC133/PC100 Unbuffered DIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com