Electronic Components Datasheet Search
  English  ▼

X  

B82G Datasheet(PDF) 2 Page - Norgren Ltd

Part # B82G
Description  General purpose filter/regulator Excelon® Plus Modular System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

B82G Datasheet(HTML) 2 Page - Norgren Ltd

  B82G Datasheet HTML 1Page - Norgren Ltd B82G Datasheet HTML 2Page - Norgren Ltd B82G Datasheet HTML 3Page - Norgren Ltd B82G Datasheet HTML 4Page - Norgren Ltd B82G Datasheet HTML 5Page - Norgren Ltd B82G Datasheet HTML 6Page - Norgren Ltd B82G Datasheet HTML 7Page - Norgren Ltd B82G Datasheet HTML 8Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INLET
PRESSURE
psi (bar)
36.3
(2.5)
AIR FLOW
0
10
20
30
40
0
2.0
4.0
6.0
8.0
1.0
3.0
5.0
7.0
AIR FLOW
0
10
20
30
40
0
2.0
4.0
6.0
8.0
1.0
3.0
5.0
7.0
AIR FLOW
0
10
20
30
40
0
2.0
4.0
6.0
8.0
1.0
3.0
5.0
7.0
AIR FLOW
0
10
20
30
40
0
2.0
4.0
6.0
8.0
1.0
3.0
5.0
7.0
02/21
B82G–H H H – H H H– R H H
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2017 - 9217b) © 2020 Norgren Ltd
en 8.105.350.02
Option selector *1)
*3) Outlet pressure can be adjusted to
pressures in excess of, and less than,
those specified.
Do not use these units to control pres-
sures outside of the specified ranges.
*1) All models shown here are applicable for flow direction left to right.
With flow direction right to left please use the online configurator www.norgren.com/air-preparation-configurator or
contact Norgren
*2) Units with 246 psi (17 bar) outlet pressure range are available only with the T-bar adjustment; therefore substitute T
at the 7th position and S at the 9th position. T-bar handle only available with 17 bar option.
Port size
Substitute
1/4“
2
3/8“
3
Thread form
Substitute
PTF
A
ISO G (standard)
G
Adjustment
Substitute
Knob (standard)
K
T-bar
T*2)
Drain
Substitute
Manual (standard)
Q
Auto drain (standard)
A
Bowl
Substitute
Metal with liquid indicator
D
Transparent with guard
(standard)
P
Gauge
Substitute
With integrated gauge
(standard)
G
Without integrated gauge
but with gauge port 1/8”
N
Pressure range *3)
Substitute
0.3 to 4 bar
F
0.3 to 10 bar (standard)
M
0.7 to 17 bar
S*2)
Element
Substitute
40 μm (standard)
3
5 μm
1
Flow characteristics
Inlet pressure: 10 bar (145 psi)
Range: 0.3...10 bar (4...145 psi)
Port size: 1/4”, 5 µm element
Inlet pressure: 10 bar (145 psi)
Range: 0.3...10 bar (4...145 psi)
Port size: 1/4”, 40 µm element
Inlet pressure: 10 bar (145 psi)
Range: 0.3...10 bar (4...145 psi)
Port size: 3/8”, 5 µm element
Inlet pressure: 10 bar (145 psi)
Range: 0.3...10 bar (4...145 psi)
Port size: 3/8”, 40 µm element
Air flow (dm3/s)
Air flow (dm3/s)
Air flow (dm3/s)
Air flow (dm3/s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com