Electronic Components Datasheet Search
  English  ▼

X  

BL82 Datasheet(PDF) 2 Page - Norgren Ltd

Part # BL82
Description  Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

BL82 Datasheet(HTML) 2 Page - Norgren Ltd

  BL82 Datasheet HTML 1Page - Norgren Ltd BL82 Datasheet HTML 2Page - Norgren Ltd BL82 Datasheet HTML 3Page - Norgren Ltd BL82 Datasheet HTML 4Page - Norgren Ltd BL82 Datasheet HTML 5Page - Norgren Ltd BL82 Datasheet HTML 6Page - Norgren Ltd BL82 Datasheet HTML 7Page - Norgren Ltd BL82 Datasheet HTML 8Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
La nostra è una politica di ricerca e sviluppo continuo. Ci riserviamo quindi il diritto di modificare, senza
preavviso, le specifiche fornite in questo documento. (2017 - 9217d) © 2020 Norgren Ltd
it 8.105.855.02
8
7
6
5
4
3
2
1
0
35
30
40
20
25
15
10
5
0
Air flow (dm
3/s)
8
7
6
5
4
3
2
1
0
35
30
20
25
15
10
5
0
Air flow (dm
3/s)
07/22
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2017 - 9217d) © 2020 Norgren Ltd
en 8.105.855.02
BL82–H H H H
Option selector *1)
*1) All models shown here are applicable for flow direction left to right.
With flow direction right to left please use the online configurator
www.norgren.com/air-preparation-configurator or contact Norgren
Port size
Substitute
1/4“
2
3/8“
3
Units
Substitute
Filter/Regulator w. auto drain,
Micro fog lubricator, Polycarbonate bowls
0
Filter/Regulator w. auto drain,
Oil fog lubricator, Polycarbonate bowls
1
Filter/Regulator w. manual drain,
Micro fog lubricator, Polycarbonate bowls
2
Filter/Regulator w. manual drain,
Oil fog lubricator, Polycarbonate bowls
3
Filter/Regulator w. auto drain,
Micro fog lubricator, Metal bowls
5
Filter/Regulator w. auto drain,
Oil fog lubricator, Metal bowls
6
Filter/Regulator w. manual drain,
Micro fog lubricator, Metal bowls
7
Filter/Regulator w. manual drain,
Oil fog lubricator, Metal bowls
8
Thread form
Substitute
PTF
A
ISO G (standard)
G
Accessories
Substitute
Shutt-off valve and
Gauge and brackets
1
Gauge and brackets
5
Flow characteristics
Inlet pressure: 10 bar (145 psi)
Range: 0.3 to 10 bar (4 to 145 psi)
Port size: 1/4”, 40 μm element
Air flow dm3/s
Inlet pressure: 10 bar (145 psi)
Range: 0.3 to 10 bar (4 to 145 psi)
Port size: 3/8”, 40 μm element
Air flow dm3/s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com