Electronic Components Datasheet Search
  English  ▼

X  

MLRR-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLRR-2
Description  Miniature normally open switch with 19.05mm x 2.66mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MLRR-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLRR-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
MLRR-2 Features and Benefits
DIMENSIONS (in) mm
Notes
1)
For details on electrical specifications, contact Hamlin.
2)
Contact rating-Product of the switching voltage and current should never exceed the
wattage rating.
Contact Hamlin for additional load/life information.
3)
Operate (inc. bounce) /Release Time-per EIA/NARM RS421A, diode suppressed coil.
4) Pull in Range-Contact Hamlin for tolerances available within this range.
5) Rating Sensitivity-The value at which contact ratings and operating characteristics are
determined. Derating may be required below this value.
6) Storage Temperature-Long time exposure at elevated temperature may degrade
solderability of the leads.
Switch Type
MLRR-2
Contact Form
A
Underwriters Laboratories Recognised, File E47258 (see note 1)
ELECTRICAL RATINGS
Contact Rating (2)
Watt - max.
20
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
1.0
Carry
A - max.
1.5
Resistance
Contact, Initial
Ω - max.
0.100
Insulation
Ω - min.
1010
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +125
Storage (6)
°C
-65 to +125
OPERATING CHARACTERISTICS
Operate Time (3)
ms - max.
0.8
Release Time (3)
ms - max.
0.25
Shock
11ms
1⁄2 sine wave
G - max.
100
Vibration
50-2000 Hertz
G - max.
30
Resonant Frequency
Hz - typ.
3075
MAGNETIC CHARACTERISTICS
Pull-In Range (4)
Ampere Turns
12-38
Rating Sensitivity (5)
Ampere Turns
20
Test Coil
L4989
Features
•
Miniature normally open switch
with 19.05mm x 2.66mm
(0.750” x 0.105”) glass envelope
•
Capable of switching 200Vdc at
up to 20 Watts
•
1010 Ohms insulation resistance
•
Available sensitivity range
12-38 AT
Benefits
•
Hermetically sealed switch
contacts are not effected by and
have no effect on their external
environment
•
Low, stable contact resistance
•
Low PCB space requirement
•
Zero operating power required
for contact closure
•
Fit and forget durability
Applications
•
Security
•
Limit switching
•
Telecoms line switching
•
Office equipment
•
Automotive applications
•
Light inductive loads
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information
specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 • Fax: +49 (0) 6181 9536666 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 • Fax: +33 (0) 1 4686 6786 • Email: sales.fr@hamlin.com
www.hamlin.com
ISSUE No: 4
DATE: 1/5/3


Similar Part No. - MLRR-2

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
logo
Littelfuse
MLRR-3 LITTELFUSE-MLRR-3 Datasheet
494Kb / 2P
Axial Lead Reed Switches
logo
HAMLIN Position and Mov...
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
logo
Littelfuse
MLRR-4 LITTELFUSE-MLRR-4 Datasheet
506Kb / 2P
15.2mm Sub-miniature Close Differential Reed Switch
MLRR-4-17-23AT LITTELFUSE-MLRR-4-17-23AT Datasheet
506Kb / 2P
15.2mm Sub-miniature Close Differential Reed Switch
More results

Similar Description - MLRR-2

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MARR-5 HAMLIN-MARR-5 Datasheet
167Kb / 1P
Miniature normally open switch with 19.69mm x 2.66mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDRR-6 HAMLIN-MDRR-6 Datasheet
127Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
MRPR-3 HAMLIN-MRPR-3 Datasheet
149Kb / 1P
Miniature normally open switch with 19.69mm x 2.84mm
MRPR-8 HAMLIN-MRPR-8 Datasheet
93Kb / 1P
Miniature normally open switch size with 20.32mm x 2.84mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com