Electronic Components Datasheet Search
  English  ▼

X  

C0004 Datasheet(PDF) 1 Page - Norgren Ltd

Part # C0004
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0004 Datasheet(HTML) 1 Page - Norgren Ltd

  C0004 Datasheet HTML 1Page - Norgren Ltd C0004 Datasheet HTML 2Page - Norgren Ltd C0004 Datasheet HTML 3Page - Norgren Ltd C0004 Datasheet HTML 4Page - Norgren Ltd C0004 Datasheet HTML 5Page - Norgren Ltd C0004 Datasheet HTML 6Page - Norgren Ltd C0004 Datasheet HTML 7Page - Norgren Ltd C0004 Datasheet HTML 8Page - Norgren Ltd C0004 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
4/15
en 9.1.020.01
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Medium:
Compressed air
Operating pressure:
10 bar (145 psi) max.
Vacuum:
750 mm of Hg
Thread sizes:
M5, M6, 1/8, 1/4, 3/8 and 1/2
ISO G, ISO Rc and ISO R
Ambient/Media temperature:
-20°C ... +60°C ( -4 ... 140°F)
Tube sizes:
4, 6, 8, 10, 12, 16 mm
Tubing types:
PA 11 or 12
PUR 85, 95 or 98 durometer
Warning:
The Norgren Pneufit® C range
must not be used in vehicle air
braking or ancillary systems. For
push in fittings suitable for these
applications, please refer to the
Fleetfit range.
Materials:
Body: PBT
Seals: NBR (silicone free)
u-packing and O-rings
Threaded bodies: nickel plated
brass
Release sleeve and backing ring:
POM
Grab-ring: stainless steel
Collar: nickel plated brass
Thread sealant: chemitech G-
175L
Technical features
> Port size: Ø 4 ... 16 mm
O/D tube, BSP threads
> Norgren Pneufit® C
fittings are ready to use,
offering fast assembly
with no need for tools
providing optimum flow.
> Pneufit® C offers a broad
range of over 1,000
composite push-in
pneumatic fittings to
complement our
established all brass
Pneufit® series.
Releasable stainless
steel grab-ring to grip
PA or PUR tube (85 or 95
durometer).
> Nickel plated brass
components provide
corrosion and
contamination resistance
and an extended life.
> Pre applied thread
sealant on all taper
threads and recessed
captive O-ring on parallel
threads provides
optimum rapid sealing.
Method of assembly
Components
1. Ensure that the end of the tube
is cut square and is free from
burrs.
2. Push the tube through the collet
into the fitting.
3. Continue pushing the tube
through the ‘O’-ring until it
bottoms on the tube stop
then pull back.
4. To disconnect push the tube into
the fitting, hold down the collet
and withdraw the tube.
C0˙˙˙˙˙˙˙
Option selector
Thread type
Shape
Thread size/tube size
Thread size/tube size
1 Impact resistant PBT body in black
2 Release buttons are red for metric, grey for inch
3 Stainless steel grab ring with special design to retain softer tube and provide easy releasability.
4 Silicon free U-packing provides leak tight tube seal under side loading.
5 Stem seal provides leak tight 360° swivel connection.
6 Nickel plated brass threads and notches on hex to signify NPT.
7 Pre-applied thread sealant on tapered threads and recessed captive O-ring on parallel threads.
1
2
4
7
3
5
6


Similar Part No. - C0004

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
C00200800 NORGREN-C00200800 Datasheet
541Kb / 17P
Pneufit C & Pneufit M
C00220400 NORGREN-C00220400 Datasheet
541Kb / 17P
Pneufit C & Pneufit M
C00220600 NORGREN-C00220600 Datasheet
541Kb / 17P
Pneufit C & Pneufit M
C00220604 NORGREN-C00220604 Datasheet
541Kb / 17P
Pneufit C & Pneufit M
C00220800 NORGREN-C00220800 Datasheet
541Kb / 17P
Pneufit C & Pneufit M
More results

Similar Description - C0004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
Connect to male Metric straight thread fittings
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
Connect to male Metric straight thread fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
10125 NORGREN-10125 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com