Electronic Components Datasheet Search
  English  ▼

X  

T74 Datasheet(PDF) 2 Page - Norgren Ltd

Part # T74
Description  T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

T74 Datasheet(HTML) 2 Page - Norgren Ltd

  T74 Datasheet HTML 1Page - Norgren Ltd T74 Datasheet HTML 2Page - Norgren Ltd T74 Datasheet HTML 3Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T74 - EXCELON® Modular System
2/2- and 3/2 shut-off valve
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1998 - 8063e) © 2015 Norgren Inc.
en 8.200.600.02
01/17
Drawings
Dimensions in mm
Projection/First angle
Service kit
T74E (yellow slide) 4384-710
T74T (red slide) 4384-713
Service kit includes seals and slide.
Service kits
Accessories
Quikclamp®
Page 3
Quikclamp with wall
bracket®
Page 3
Quikmount pipe
adaptor *1)
Page 3
Porting block with
three alternative
1/4” ports
Page 3
Silencer
Page 3
4314-51
4314-52
G3/8: 4315-10
G1/4: 4316-52
R1/8: T40B1800
G1/2: 4315-11
1/4 PTF: 4316-50
1/8 NPT: MA001A
G3/4: 4315-12
3/8 PTF: 4315-02
1/2 PTF: 4315-03
3/4 PTF: 4315-04
*1) Please use a Quikmount pipe adaptor if the Quikclamp be mounted at inlet or outlet side.
OPEN
70
39
31
18
31
1
11
1
Main ports 3/8”, 1/2” or 3/4” ISO G/PTF
11
Exhaust port Rc1/8 or 1/8 PTF
Porting block for
pressure switch
Page 4
Pressure switch
(0,5 ... 8 bar)
0523110000000000
0881300000000000
Padlock (brass)
with two keys *1)
0613633000000000
*1) for shut-off valves
Pressure switch
Padlock



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com