Electronic Components Datasheet Search
  English  ▼

X  

10040 Datasheet(PDF) 1 Page - Norgren Ltd

Part # 10040
Description  PNEUFIT 10 series Push-in fittings
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

10040 Datasheet(HTML) 1 Page - Norgren Ltd

  10040 Datasheet HTML 1Page - Norgren Ltd 10040 Datasheet HTML 2Page - Norgren Ltd 10040 Datasheet HTML 3Page - Norgren Ltd 10040 Datasheet HTML 4Page - Norgren Ltd 10040 Datasheet HTML 5Page - Norgren Ltd 10040 Datasheet HTML 6Page - Norgren Ltd 10040 Datasheet HTML 7Page - Norgren Ltd 10040 Datasheet HTML 8Page - Norgren Ltd 10040 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
10 
03/23
en 9.1.060.01
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (1999 - 900g) © 2021 Norgren GmbH
Medium:
Compressed air
(For other media please consult
Technical Department)
Operating pressure:
Vacuum -18 bar (... 261 psi)
(Dependent upon operating
specification of tubing)
Standard:
Conforms to BS ISO 14743
Vacuum:
-750 mm of Hg i.e. 98%
Ambient/Media temperature:
-20°C ... +80°C ( -4 ... 176 °F)
“Special” low temperature
options contact Norgren
Technical service
Tube sizes:
4, 5, 6, 8, 10, 12, 14, 16 mm O/D
Tubing types:
PA 11 or 12, PUR and other
plasticised or unplasticised
tubing which conforms to the
tolerances specified in BS 5409,
Part 1, 1976, light and normal
duty, DIN 73378, DIN 74234,
NFE 49-100
Materials:
Body: Nickel plated brass body
Collet: Nickel plated brass:
O-rings: VMQ free NBR
(FKM on request)
Washer (Banjo): PA
Thread sealant: Non - PTFE
thread sealant (taper threads)
Elbow flow controls and function
fittings: See individual product
details
Technical features
Method of assembly
Components
1. Ensure that the end of the
tube is cut square and is free
from burrs.
2. Push the tube through the
collet into the fitting.
3. Continue pushing the tube
through the ‘O’-ring until
it bottoms on the tube
stop then pull back.
4. To disconnect push the tube
into the fitting, hold down the
collet and withdraw the tube.
90˚
1
2
3
4
1
Collet
2
Body
3
Tube stop
4
‘O’-ring
Option selector
Thread type
Shape
Thread size/tube size
Thread size/tube size
PNEUFIT 10 series
Push-in fittings
> Port size: Ø 4 ... 16 mm
O/D tube, ISO G, ISO R,
ISO Rc and NPT threads
> Very compact units
> Easy tube insertion
for rapid assembly of
pneumatic circuits
> Positive tube anchorage
> All BSP taper threads
pre-coated with non-
PTFE based sealant
> Straight adaptors
feature internal
hexagon for allen key
> Silicon free, O-rings
Please be aware that this document is a translation of the original document
which was written in English, and is provided for your convenience/for
informational purposes only. In the event of any discrepancy, ambiguity, or
conflict between the original English language version and this translation,
the English language version of the document shall prevail.


Similar Part No. - 10040

ManufacturerPart #DatasheetDescription
logo
Heyco.
10040 HEYCO-10040 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Anaren Microwave
10040-3 ANAREN-10040-3 Datasheet
210Kb / 3P
Hybrid Couplers
10040-3 ANAREN-10040-3 Datasheet
227Kb / 4P
Hybrid Couplers
10040-3 ANAREN-10040-3_14 Datasheet
227Kb / 4P
Hybrid Couplers
logo
ERNI Electronics
100400030001 ERNI-100400030001 Datasheet
54Kb / 1P
F 1.27 SRC A IDC 08-pin
More results

Similar Description - 10040

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Weidmuller
2490360000 WEIDMULLER-2490360000 Datasheet
631Kb / 33P
Feed-through terminal, PUSH IN, 10 mm짼
November 9, 2021
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com