Electronic Components Datasheet Search
  English  ▼

X  

COSAO Datasheet(PDF) 6 Page - Norgren Ltd

Part # COSAO
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

COSAO Datasheet(HTML) 6 Page - Norgren Ltd

Back Button COSAO Datasheet HTML 2Page - Norgren Ltd COSAO Datasheet HTML 3Page - Norgren Ltd COSAO Datasheet HTML 4Page - Norgren Ltd COSAO Datasheet HTML 5Page - Norgren Ltd COSAO Datasheet HTML 6Page - Norgren Ltd COSAO Datasheet HTML 7Page - Norgren Ltd COSAO Datasheet HTML 8Page - Norgren Ltd COSAO Datasheet HTML 9Page - Norgren Ltd COSAO Datasheet HTML 10Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.06
4/15
0
100
0
200
300
400
1 2 3 4 5 6 7 8 9 10
5
3
1
300
400
500
200
100
0
8
7
6
5
4
3
2
1
0
0 1 2 3 4 5 6 7 8 9 10
5
3
1
100
0
200
300
400
300
400
500
200
100
0
8
7
6
5
4
3
2
1
0
200
400
600
800
5
3
1
0 1 2 3 4 5 6 7 8 9 10
0
300
400
500
200
100
0
8
7
6
5
4
3
2
1
0
0
200
0
400
600
1000
800
1 2 3 4 5 6 7 8 9
11
10
5
3
1
300
400
500
200
100
0
8
7
6
5
4
3
2
1
0
Speed controllers flowrate for C01GN and C02GN banjo types
6 and 8 mm
1/8
8, 10 and 12 mm
3/8
6 and 8 mm
1/4
10 and 12 mm
1/2
Ø A
Ø K
T*1)
Ø X
4
10,5
15
9,5
6
12,5
16,5
12
8
14,5
18,5
14
10
17,5
20
16,5
12
20,5
23
19
16
27
23,5
25
*1) Dimensions here and in the individual tables refer to the collet being in the
‘IN’ position.
Thread
Recommended torque
Thread
Recommended torque
M5
1,5 Nm
M6
2,3 Nm
G1/8
10 Nm
R1/8
7 Nm
G1/4
15 Nm
R1/4
12 Nm
G3/8
25 Nm
R3/8
22 Nm
G1/2
40 Nm
R1/2
28 Nm
Technical data
T
Control flow
Free flow
Needle turn
Pressure (bar)
Control flow
Free flow
Needle turn
Pressure (bar)
Control flow
Free flow
Needle turn
Pressure (bar)
Control flow
Free flow
Needle turn
Pressure (bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com