Electronic Components Datasheet Search
  English  ▼

X  

RP2040 Datasheet(PDF) 4 Page - EDA Technology Co.,LTD

Part # RP2040
Description  An RP2040-based microcontroller board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

RP2040 Datasheet(HTML) 4 Page - EDA Technology Co.,LTD

  RP2040 Datasheet HTML 1Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 2Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 3Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 4Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 5Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 6Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 7Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 8Page - EDA Technology Co.,LTD RP2040 Datasheet HTML 9Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Chapter 1. About Raspberry Pi Pico
Raspberry Pi Pico is a microcontroller board based on the Raspberry Pi RP2040 microcontroller chip.
Figure 1. The
Raspberry Pi Pico
Rev3 board.
Raspberry Pi Pico has been designed to be a low cost yet flexible development platform for RP2040, with the following
key features:
• RP2040 microcontroller with 2MB Flash
• Micro-USB B port for power and data (and for reprogramming the Flash)
• 40 pin 21×51 'DIP' style 1mm thick PCB with 0.1" through-hole pins also with edge castellations
◦ Exposes 26 multi-function 3.3V General Purpose I/O (GPIO)
◦ 23 GPIO are digital-only and 3 are ADC capable
◦ Can be surface mounted as a module
• 3-pin ARM Serial Wire Debug (SWD) port
• Simple yet highly flexible power supply architecture
◦ Various options for easily powering the unit from micro-USB, external supplies or batteries
• High quality, low cost, high availability
• Comprehensive SDK, software examples and documentation
For full details of the RP2040 microcontroller please see the RP2040 Datasheet, however the headline features are:
• Dual-core cortex M0+ at up to 133MHz
◦ On-chip PLL allows variable core frequency
• 264kB multi-bank high performance SRAM
• External Quad-SPI Flash with eXecute In Place (XIP) and 16kB on-chip cache
• High performance full-crossbar bus fabric
Raspberry Pi Pico Datasheet
Chapter 1. About Raspberry Pi Pico
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com