Electronic Components Datasheet Search
  English  ▼

X  

BLF544B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF544B
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF544B Datasheet HTML 4Page - NXP Semiconductors BLF544B Datasheet HTML 5Page - NXP Semiconductors BLF544B Datasheet HTML 6Page - NXP Semiconductors BLF544B Datasheet HTML 7Page - NXP Semiconductors BLF544B Datasheet HTML 8Page - NXP Semiconductors BLF544B Datasheet HTML 9Page - NXP Semiconductors BLF544B Datasheet HTML 10Page - NXP Semiconductors BLF544B Datasheet HTML 11Page - NXP Semiconductors BLF544B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
October 1992
8
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF544B
List of components (class-B test circuit)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
multilayer ceramic chip capacitor
(note 1)
9.1 pF, 500 V
C3, C4, C6
multilayer ceramic chip capacitor
(note 1)
18 pF, 500 V
C5
film dielectric trimmer
2 to 9 pF
2222 809 09005
C7, C21, C22
film dielectric trimmer
2 to 18 pF
2222 809 09006
C8, C9, C15, C16
multilayer ceramic chip capacitor
(note 1)
390 pF, 500 V
C10, C13
multilayer ceramic chip capacitor
2
× 100 nF in
parallel, 50 V
2222 852 47104
C11, C12, C14, C17
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C18, C19
electrolytic capacitor
10
µF, 63 V
2222 030 38109
C20
multilayer ceramic chip capacitor
(note 1)
6.8 pF, 500 V
C23, C24
multilayer ceramic chip capacitor
(note 1)
16 pF, 500 V
L1, L3, L26, L28
stripline (note 2)
50
Ω
56
× 2.4 mm
L2
semi-rigid cable (note 3)
50
Ω
ext. dia. 2.2 mm
ext. conductor
length 56 mm
L4, L5
stripline (note 2)
56
Ω
8
× 2 mm
L6, L7
stripline (note 2)
56
Ω
15.5
× 2mm
L8, L9
stripline (note 2)
42
Ω
10
× 3mm
L10, L11
stripline (note 2)
42
Ω
5
× 3mm
L12, L13, L14, L15
stripline (note 2)
42
Ω
6
× 3mm
L16, L17
6 turns enamelled 1 mm copper
wire
124 nH
length 8.5 mm
int. dia. 5.4 mm
leads 2
× 5mm
L18, L19
stripline (note 2)
56
Ω
22
× 2mm
L20, L21
grade 3B Ferroxcube RF choke
4312 020 36642
L22, L23
stripline (note 2)
56
Ω
18
× 2mm
L24, L25
stripline (note 2)
56
Ω
16
× 2mm
L27
semi-rigid cable (note 3)
50
Ω
ext. dia. 2.2 mm
ext. conductor
length 56 mm
R1
0.4 W metal film resistor
5.62
Ω
2322 151 75628
R2, R8
0.4 W metal film resistor
11.5 k
Ω
2322 151 71159
R3, R9
10 turns potentiometer
5 k
Ω
R4, R7
0.4 W metal film resistor
590
Ω
2322 151 75901
R5, R6
0.4 W metal film resistor
46.4
Ω
2322 151 74649
R10, R11
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com