Electronic Components Datasheet Search
  English  ▼

X  

VBMB18R11S Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBMB18R11S
Description  N-Channel 800V (D-S) Super Junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB18R11S Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBMB18R11S Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB18R11S Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Notes
a. Coss(er) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 % to 80 % VDSS.
b. Coss(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDSS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.8
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
800
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA
-0.78
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
2
-
4
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
VGS = ± 30 V
-
-
± 1
μA
Zero Gate Voltage Drain Current
IDSS
VDS = 800 V, VGS = 0 V
-
-
1
μA
VDS = 520 V, VGS = 0 V, TJ = 125 °C
-
-
10
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 6 A
-
0.
50
Ω
Forward Transconductance
gfs
VDS = 30 V, ID = 6 A
-
3.5
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
122
7
-
pF
Output Capacitance
Coss
-65
-
Reverse Transfer Capacitance
Crss
-4
-
Effective Output Capacitance, Energy
Relateda
Co(er)
VDS = 0 V to 520 V, VGS = 0 V
-50
-
Effective Output Capacitance, Time
Relatedb
Co(tr)
-
160
-
Total Gate Charge
Qg
VGS = 10 V
ID = 6 A, VDS = 520 V
-35
73
nC
Gate-Source Charge
Qgs
-9
-
Gate-Drain Charge
Qgd
-17
-
Turn-On Delay Time
td(on)
VDD = 520 V, ID = 6 A,
VGS = 10 V, Rg = 9.1
Ω
-16
32
ns
Rise Time
tr
-19
38
Turn-Off Delay Time
td(off)
-35
70
Fall Time
tf
-18
36
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
0.81
-
Ω
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
A
Pulsed Diode Forward Current
ISM
--
28
Diode Forward Voltage
VSD
TJ = 25 °C, IS = 6 A, VGS = 0 V
-
1.0
1.2
V
Reverse Recovery Time
trr
TJ = 25 °C, IF = IS = 6 A,
dI/dt = 100 A/μs, VR = 25 V
-
309
618
ns
Reverse Recovery Charge
Qrr
-3.8
7.6
μC
Reverse Recovery Current
IRRM
-21
-
A
S
D
G
-
1
1
www.VBsemi.com
VBM18R11S / VBMB18R11S / VBP18R11S
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com