Electronic Components Datasheet Search
  English  ▼

X  

IDTCV149 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTCV149
Description  PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTCV149 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTCV149 Datasheet HTML 9Page - Renesas Technology Corp IDTCV149 Datasheet HTML 10Page - Renesas Technology Corp IDTCV149 Datasheet HTML 11Page - Renesas Technology Corp IDTCV149 Datasheet HTML 12Page - Renesas Technology Corp IDTCV149 Datasheet HTML 13Page - Renesas Technology Corp IDTCV149 Datasheet HTML 14Page - Renesas Technology Corp IDTCV149 Datasheet HTML 15Page - Renesas Technology Corp IDTCV149 Datasheet HTML 16Page - Renesas Technology Corp IDTCV149 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV149
PROGRAMMABLEFLEXPC™CLOCKFORAMDK8PROCESSORATIRS480
13
ELECTRICAL CHARACTERISTICS - CPU DIFFERENTIAL PAIR (SSC ENABLE AND
DISABLE)
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 2pF
Symbol
Parameter(1)
Test Conditions
Min.
Typ.
Max.
Unit
tR
Rise Edge Rate
2
—
10
V/ns
tF
Fall Edge Rate
2
—
10
V/ns
VDIFF
Differential Voltage (single end)
0.4
1.25
2.3
V
∆VDIFF
Change in VDIFF_DC Magnitude
–150
—
+150
mV
VCM
Common Mode Voltage
1.05
1.25
1.45
V
∆VCM
Change in Common Mode Voltage
–200
—
+200
mV
tCCJITTER
Jitter, Cycle to Cycle
—
—
200
ps
tJA
Jitter Accumulated
–1000
—
+1000
ps
tFS
Frequency Stabilization from
—
—
3
ms
Power-Up
RON
Output Impedance
15
35
55
Ω
Duty Cycle
Duty Cycle
47
50
53
%
ppm
Long Accuracy(2)
See TPERIOD Min. - Max. values
–300
—
+300
ppm
TPERIOD
Average Period(2)
200MHz nominal
4.9985
—
5.0015
ns
250MHz nominal
3.9988
—
4.0012
NOTES:
1. Parameters guaranteed by design, but not 100% production tested.
2. All long term accuracy and clock period specifications are guaranteed with the assumption that the REF output is at 14.31818MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com