Electronic Components Datasheet Search
  English  ▼

X  

AEH60 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEH60
Description  Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH60 Datasheet(HTML) 2 Page - Astec America, Inc

  AEH60 Datasheet HTML 1Page - Astec America, Inc AEH60 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Availability
Voltage Voltage
Full Load
48V
3.3V @ 60A
88% (Min) 100°C
AEH60F48
Now
48V
2.5V @ 60A
86% (Min) 100°C
AEH60G48
Samples Available March, 2002
48V
1.8V @ 60A
84% (Min) 100°C
AEH60Y48
Samples Available January, 2002
48V
1.2V @ 60A
82% (Min) 100°C
AEH60K48
Samples Available March, 2002
48V
3.3V @ 60A
88% (Min) 85°C
ALH60F48
Now
48V
2.5V @ 60A
86% (Min) 85°C
ALH60G48
Samples Available March, 2002
48V
1.8V @ 60A
84% (Min) 85°C
ALH60Y48
Samples Available January, 2002
48V
1.2V @ 60A
82% (Min) 85°C
ALH60K48
Samples Available March, 2002
Pin Assignments
Standard height
Pins 5 & 9 are 0.080” in diameter
Single Output
1. -Vin
2. Case
3. Enable (on/off)
4. +Vin
5. -Output
6. - Sense
7. Trim
8. + Sense
9. +Output
Notes:
1. 20 mHz bandwidth. External 10 uF tant. capacitor + 0.1 uF cer.
capacitor placed from +V out to -V out.
2. Requires a 2.2 mf, 100V film capacitor connected between +V in
and -V in to meet FCC class A and ETS300-386-1 requirements for
conducted noise. Consult Factory for filtering information to
meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load, and 25°C
unless otherwise noted.
4. All specifications subject to change without notice. Mechanical
drawings are for reference only.
5. Technical Reference Notes should be consulted for detailed
information when available.
6. Warranty: 1yr
Note:
ALH = 0.4” height
AEH = Standard height 0.5”
with Heatsink assembly
See note below
15
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com