Electronic Components Datasheet Search
  English  ▼

X  

AEQ15 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEQ15
Description  Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15 Datasheet(HTML) 1 Page - Astec America, Inc

  AEQ15 Datasheet HTML 1Page - Astec America, Inc AEQ15 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
60 Watts
AEQ15
High Efficiency
• High efficiency
• -40°C to +100°C Baseplate
operating temperature
• Industry standard package
1.50" x 2.30" x 0.5"
• High capacitive load limit on start-up
• Regulation to zero load
• Fixed frequency switching
• OCP, OVP, OTP (Autorecovery)
• Undervoltage Lockout with Hysterisis
Environmental
Operating case temperature range:
-40°C to +100°C
Storage temperature: -55°C to +125°C
Overtemperature protection: 110°C typical
MTBF: > 1 million hours
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
90% @5.0/3.3V (balanced Load)
Output
Regulation
5V
±4% Vo
3.3V ±3% Vo
Full Load Current
5V @ 12A
3.3V @ 15A
60W total output power
Noise/Ripple1
100mV max
Transient Response
(25% to 50% Step Load)
5% max deviation at 5V
200mV (outputs below 5V)
500
µs recovery
Overvoltage Protection
130% nominal output
Current Limit (Typ)
130% Imax (typ)
Switching Frequency
360kHz (nom)
Capacitive Load
10,000
µF (max)
Control
Output Voltage Adjust
90 to 110% Vo
Enable
TTL compatible
(positive & negative enable
options)
Specifications subject to change without notice.
Safety
UL, cUL 1950 Recognized
TUV
EN60950 Licensed
Total Power:
60 Watts
Input Voltages:
48V
No. of Outputs:
Dual
REV 01: SEPTEMBER 26, 2002


Similar Part No. - AEQ15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEQ15 EMERSON-NETWORKPOWER-AEQ15 Datasheet
61Kb / 2P
High Efficiency
logo
Astec America, Inc
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
logo
Emerson Network Power
AEQ15AF48 EMERSON-NETWORKPOWER-AEQ15AF48 Datasheet
61Kb / 2P
High Efficiency
logo
Astec America, Inc
AEQ15AF48-6 ASTEC-AEQ15AF48-6 Datasheet
1,017Kb / 15P
Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
logo
Emerson Network Power
AEQ15AF48-6 EMERSON-NETWORKPOWER-AEQ15AF48-6 Datasheet
61Kb / 2P
High Efficiency
More results

Similar Description - AEQ15

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
logo
Artesyn Technologies
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
Total Power: 60 - 80 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
Total Power: 55 - 60 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
Total Power: 60 - 80 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
Total Power: 60 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com