Electronic Components Datasheet Search
  English  ▼

X  

APA100 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APA100
Description  Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA100 Datasheet(HTML) 1 Page - Astec America, Inc

  APA100 Datasheet HTML 1Page - Astec America, Inc APA100 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
1200 Watts
APA100 (PFC)
• Unity power factor
• High efficiency - up to 96%
• Universal input voltage and
frequency range
• Up to 1200W output power
• Parallelable with current sharing within 3%
• < 10% harmonic distortion
conforming to IEC555-2
• 85°C baseplate operating
temperature (no derating)
• High reliability - over 1 million
hours MTBF
• Power fail warning signal
• PLD feature
• Enable output to control AMPSS®
DC-DC converters
• 125Khz fixed Switching frequency
Operating temperature (baseplate):
-20°C to +85°C (no derating)
Storage temperature: -40°C to +105°C
Overtemperature protection: 90°C typical
MTBF: > 1 million hours (50°C baseplate)
Input
Input Voltage
85 to 265 Vac
Input Frequency
50/60 Hz
Efficiency
92% typical (VI = 115 Vac);
94% typical (VI = 230 Vac)
Total Harmonic Distortion Less than10%
Power Factor
0.99 typical (IO = 2A);
0.97 typical (IO = 1A)
Control
Power Fail Warning
Direct drive output to opto-isolator
Power Fail Warning Adjust 205 to 355 Vdc adjustable
LD Enable
Direct drive output to opto-isolator
PFC Enable
TTL compatible (low to enable)
Voltage Adjust
240V to 393V
Clock Input (external sync) 3.3 to 5.5Vp-p @ 1MHz ± 5%
Clock Output (int. clock)
4.5Vp-p typical @ 1MHz ± 0.5%
Temperature
Monitor Output
10 mV/°K (2.73V = 0°C)
Current Monitor Output
0 to 1.28mA (1 mA = 2.5A)
Output
Output Voltage
383 V typical (IO = 2A); 393 V typical
(IO = 0A)
Current Share Accuracy
3% typical
Overvoltage Protection
417 V typical
Power Limit
VIN=85Vac;
Pmax=750W
VIN=180Vac;
Pmax= 918W
VIN=230Vac;
Pmax= 1200W
UL
UL 1950
E132002
CSA
CSA22.2-234
LR53 982C
CSA22.2-950
EN
60950
20396-3336-1012
VDE
IEC950
CE
CE Mark (LVD)
Environmental
Total Power:
1200 Watts
Input Voltages:
85-265 VAC
No. of Outputs:
Single
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
58
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 58


Similar Part No. - APA100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
1Mb / 174P
Ultra-Fast Local and Long-Line Network
APA1000 ACTEL-APA1000 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA1000 MICROSEMI-APA1000 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA1000 MICROSEMI-APA1000 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
352Kb / 10P
ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA100

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Artesyn Technologies
AVD85-48S3V3-6L ARTESYN-AVD85-48S3V3-6L Datasheet
627Kb / 3P
Total Power: 85 Watts
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com