Electronic Components Datasheet Search
  English  ▼

X  

BLF547 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF547
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF547 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF547 Datasheet HTML 4Page - NXP Semiconductors BLF547 Datasheet HTML 5Page - NXP Semiconductors BLF547 Datasheet HTML 6Page - NXP Semiconductors BLF547 Datasheet HTML 7Page - NXP Semiconductors BLF547 Datasheet HTML 8Page - NXP Semiconductors BLF547 Datasheet HTML 9Page - NXP Semiconductors BLF547 Datasheet HTML 10Page - NXP Semiconductors BLF547 Datasheet HTML 11Page - NXP Semiconductors BLF547 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
October 1992
8
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF547
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. American Technical Ceramics (ATC) capacitor, type 175B or other capacitor of the same quality.
3. American Technical Ceramics (ATC) capacitor, type 100A or other capacitor of the same quality.
4. The striplines are on a double copper-clad printed circuit board, with PTFE fiber-glass dielectric (
εr = 2.2),
thickness 0.79 mm.
C13, C16
electrolytic capacitor
10
µF, 63 V
2222 030 28109
C18
multilayer ceramic chip capacitor
(note 2)
10 pF
C19
multilayer ceramic chip capacitor
(note 2)
27 pF
C20
multilayer ceramic chip capacitor
(note 2)
8.2 pF
C23, C24
multilayer ceramic chip capacitor
(note 1)
30 pF
L1, L3, L22, L24
stripline (note 4)
34.5
Ω
length 66.5 mm
width 4 mm
L2, L23
semi-rigid cable
50
Ω
length 66.5 mm
width 3.6 mm
L4, L5
stripline (note 4)
22.3
Ω
length 35 mm
width 7 mm
L6, L7
stripline (note 4)
22.3
Ω
length 10 mm
width 7 mm
L8, L9
stripline (note 4)
22.3
Ω
length 5.5 mm
width 7 mm
L10, L11, L16, L17
grade 3B Ferroxcube RF choke
4312 020 36640
L12, L15
1 turn enamelled 1.5 mm copper
wire
17 nH
length 5 mm
int. dia. 9 mm
leads 2
× 5 mm
L13, L14
stripline (note 4)
22.3
Ω
length 15 mm
width 7 mm
L18, L19
stripline (note 4)
22.3
Ω
length 36 mm
width 7 mm
L20, L21
stripline (note 4)
22.3
Ω
length 8.5 mm
width 7 mm
R1, R5
0.4 W metal film resistor
24.7 k
Ω
2322 151 72473
R2, R6
10 turn potentiometer
5 k
Ω
R3, R4
0.4 W metal film resistor
10.5 k
Ω
2322 151 71053
R7, R8
1 W metal film resistor
10
Ω
2322 151 71009
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com