Electronic Components Datasheet Search
  English  ▼

X  

ALH60F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALH60F48
Description  Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60F48 Datasheet(HTML) 1 Page - Astec America, Inc

  ALH60F48 Datasheet HTML 1Page - Astec America, Inc ALH60F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
250 Watts
AEH60
ALH60 (Open Frame)
High Efficiency
• High efficiency, 3.3V@91% (Typical)
• -40°C to 100°C baseplate operating
temperature
• Open Frame version also available (ALH60)
• Positive and Negative enable function
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (400 kHz)
Environmental
Operating temperature (baseplate):
-40°C to +100°C
Storage temperature: -55°C to +105°C
Overtemperature protection: 115°C typical
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
91%@3.3V (Typical)
Control
Enable
TTL compatible
(positive & negative enable options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and noise
2% typical (100mV p-p max)
Remote sense
Up to 10%Vout
Output voltage
adjust range
+/-10% of nominal output
Transient Response
4% max deviation with
50% to 75% full load
300 µS (max) recovery
Overvoltage Protection
130% nominal output
Safety
UL, CUL 1950 Recognized
TUV
EN60950 Licensed
PRELIMINARY
Total Power:
250 Watts
Input Voltages:
48 V
No. of Outputs:
Single
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
14
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 14


Similar Part No. - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH60F48 ASTEC-ALH60F48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
logo
Emerson Network Power
ALH60F48 EMERSON-NETWORKPOWER-ALH60F48 Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
ALH60F48N EMERSON-NETWORKPOWER-ALH60F48N Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
More results

Similar Description - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
LPS202-M ARTESYN-LPS202-M Datasheet
725Kb / 3P
Total Power: 125 - 250 Watts
LPQ252-C ARTESYN-LPQ252-C Datasheet
704Kb / 4P
Total Power: 250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com