Electronic Components Datasheet Search
  English  ▼

X  

ST38 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST38
Description  DO-35 Case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST38 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST38 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - ST38

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST380C IRF-ST380C Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST380C..C VISHAY-ST380C..C Datasheet
217Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 960 A
11-Aug-08
ST380C06C0L VISHAY-ST380C06C0L Datasheet
213Kb / 9P
Phase Control Thyristors
11-Aug-08
ST380C06C0LPBF VISHAY-ST380C06C0LPBF Datasheet
199Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 960 A
11-Aug-08
ST380C06C0PBF VISHAY-ST380C06C0PBF Datasheet
199Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 960 A
11-Aug-08
More results

Similar Description - ST38

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N482B MICROSEMI-1N482B Datasheet
57Kb / 1P
High Conductance DO-35 Diodes
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
High Conductance DO-35 Diodes
logo
Central Semiconductor C...
CT-32 CENTRAL-CT-32 Datasheet
114Kb / 2P
DIAC DO-35 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
Hermetically sealed glass case. DO - 35 outline.
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
SWITCHING DIODE, DO-35
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
500mW DO-35 GLASS
logo
New Jersey Semi-Conduct...
1N5559 NJSEMI-1N5559 Datasheet
336Kb / 1P
DO-41 Case
logo
Jiangsu High diode Semi...
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
DO-35 Glass-Encapsulate Diodes
logo
Vishay Siliconix
BA479G VISHAY-BA479G_V01 Datasheet
81Kb / 3P
RF PIN Diodes - Single in DO-35 (DO-204AH)
07-Mar-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com