Electronic Components Datasheet Search
  English  ▼

X  

BT482 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BT482
Description  110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT482 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BT482 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 11Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 12Page - List of Unclassifed Manufacturers BT482 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Brooktree®
3
FUNCTIONAL DESCRIPTION
Pin Information and Block Diagram
L481A_C
Bt481A
110 MHz 256-Word Clor Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
17–19
RS[2:0]
Register Select Inputs (TTL compatible). RS[2:0] specify the type of read or write oper-
ation being performed, as detailed in Tables 2 and 3.
8–15
D[7:0]
Data Bus (TTL compatible). Data is transferred into and out of the device over this 8-bit
bidirectional data bus. D0 is the least significant bit.
2
6*/8
6-Bit/8-Bit Select Input (TTL compatible). This pin specifies whether the MPU is reading
and writing 8 bits (logical one) or 6 bits (logical zero) of color information each cycle. For
8-bit operation, MPU Bit D[7] is the most significant bit during read/write cycles. For
6-bit operation, MPU bit D[5] is the most significant bit during read/write cycles. (D[7]
and D[6] are ignored during write cycles and are logical zero during read cycles.)
1
SENSE*
Sense Output (CMOS compatible). SENSE* is a logical zero if one or more of the IOR,
IOG, and IOB outputs have exceeded the internal voltage reference level. SENSE* may
not be stable while SYNC* is toggling. The SENSE* output can drive only one CMOS
load.
20
TRUECOL*
True-Color Mode Select Input (TTL compatible). This signal is inverted and logically
ORed with bit A[7] in Command Register A. A logical zero will enable the true-color
modes. By programming the proper command register bits, the user can choose either
5:5:5, 5:6:5, 8:8:8, or 8:8:8:OL and determine whether the pixels are input on a single
clock edge or a dual clock edge (see the Command Register section for details). The
TRUECOL* pin should be tied to VAA to disable the hardware selection of the true-color
mode.
4, 21, 22
VAA
Analog Power. All VAA pins must be connected together on the same PCB plane to pre-
vent latchup.
3, 24
GND
Analog Ground. All GND pins must be connected together on the same PCB plane to
prevent latchup.
Table 1. Pin Descriptions
(3 of 3)
Pin Number
Pin Name
Description
Figure 1. Pinout Diagram
Clock
Ol[0]
Ol[1]
Ol[2]
Ol[3]
Sense*
6*/8
Gnd
Vaa
Sync*
Rd*
40
41
42
43
44
1
2
3
4
5
6
Iref
Iob
Iog
Ior
Gnd
Setup
Vaa
Vaa
Truecol*
Rs[2]
Rs[1]
28
27
26
25
24
23
22
21
20
19
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com