Electronic Components Datasheet Search
  English  ▼

X  

CP1122 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CP1122
Description  STM-1 Single Chip Add/Drop Multiplexer System device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CP1122 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CP1122 Datasheet HTML 1Page - List of Unclassifed Manufacturers CP1122 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
CP1122
OPTRANS Series
STM-1 Single Chip Add/Drop Multiplexer System device
CP1122_PB_Rev1.0
March, 2005
Copyright ©2005 Chiphomer Technology Limited
Page 1 of 1
OVERVIEW
The CP1122 is one of the OPTRANS series chips designed by
Chiphomer Technology Limited. It is extended to provide a flexible,
low cost System-on-chip (SOC) solution for fast growing metropolitan
transmission market, especially in Multi-service Transport Platform
(MSTP) and Customer Premises Equipment (CPE) applications. It
integrates one SDH overhead processor for dual STM-1, one extension
interface for dual STM-1, a tributary unit payload processor for 2
STM-1, E1 mapper for asynchronous mapping and demapping of 21 E1
ports, a 6 X 6 high and low order cross connector.
FEATURES
Dual SDH STM-1 serial LVPCEL interfaces
Integrated two-channel CDR macros to interface directly with an
optical module
Fully compliant with ITU-T specifications for Jitter Tolerance,
Transfer and Generation
Regenerator and multiplexer section termination
High order processing for AU-4 pointer interpretation/generation
and POH termination
Full access to SOH through a serial interface.
Integrated MSP processing to support 1+1, 1:n protection
Byte-wide 19.44MHz Extension Telecom Bus
Aligns SDH tributary TU3/TU12 for every TUG3 within 8 STM-1 or bypass
HLX
(6x6 High Order and Low
Order Cross Connect)
E1_RDATA[0..20]
E1_RCLK[0..20]
E1_TDATA[0..20]
E1_TCLK[0..20]
MOTO
CSN
WRN/RWS
RDN/DSN
ADD[14:0]
DATA[15:0]
INT
RDY/TAN
LINE_RPOSA/B
LINE_RNEGA/B
LINE_TNEGA/B
LINE_TPOSA/B
RESET
SCLK78
RSOH_CLK
RSOH_FP
RSOH
TSOH_CLK
TSOH_FP
TSOH
MAPPER
(21 E1
Mapper)
SOP
(SDH
Overhead
Processor)
EXT
(Extend Interface)
MP
(Microprocessor
Interface
)
Drop A
Drop B
2
2
2
RCLKA
TUPP
(TU Payload
Processor)
Add A
Add B
2
2
0,4
8,12
8,12
16
16
17
17
RCLKB
0,4
SCLK19
GSCLK
SCLK2
TEBGA421
-40 ~ 85℃
TEBGA421


Similar Part No. - CP1122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1122 ETC-CP1122 Datasheet
148Kb / 3P
21 Channel E1/T1 Mapper
Rev1.0 March, 2005
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
STM-1 Single Chip Add/Drop Multiplexer System device
CP1122A ETC-CP1122A Datasheet
124Kb / 2P
STM-1/4 Single Chip Add/Drop Multiplexer System device
CP1122A ETC-CP1122A Datasheet
129Kb / 3P
4-port Ethernet Over SDH Mapping Device
CP1122A ETC-CP1122A Datasheet
129Kb / 3P
8-port Ethernet Over SDH Mapping Device
More results

Similar Description - CP1122

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MC1C10200292 BOOKHAM-MC1C10200292 Datasheet
135Kb / 3P
10 Channel Optical Add/Drop Multiplexer with Band VOAs
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
OPLINK Communications I...
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
Single Mode Dual Add/Drop Optical Fiber Switches
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
Add/Drop Optical Fiber Switches
logo
List of Unclassifed Man...
CP1121A ETC-CP1121A Datasheet
124Kb / 2P
STM-1/4 Single Chip Add/Drop Multiplexer System device
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
STM-1 Single Chip Add/Drop Multiplexer System device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com