Electronic Components Datasheet Search
  English  ▼

X  

GS8206 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GS8206
Description  3 channel constant current LED driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS8206 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GS8206 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS8206 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GS8206
3 channel LED constant current driver
3channel LED constant current driver
version:V0.2
Page 10
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
±0.1
4.880
4
0.406
1.270
5
θ
0.535
±0.1
±0.05
Package Outline Dimension
SOP8
0-0.076
0-0.076
0.10MAX
(ENO FLASH)
﹣θ°
1.050
±0.1
0.660
±0.1
0.375×45°
+0.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com