Electronic Components Datasheet Search
  English  ▼

X  

BLF861 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF861
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF861 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF861 Datasheet HTML 1Page - NXP Semiconductors BLF861 Datasheet HTML 2Page - NXP Semiconductors BLF861 Datasheet HTML 3Page - NXP Semiconductors BLF861 Datasheet HTML 4Page - NXP Semiconductors BLF861 Datasheet HTML 5Page - NXP Semiconductors BLF861 Datasheet HTML 6Page - NXP Semiconductors BLF861 Datasheet HTML 7Page - NXP Semiconductors BLF861 Datasheet HTML 8Page - NXP Semiconductors BLF861 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Aug 26
4
Philips Semiconductors
Preliminary specification
UHF power LDMOS transistor
BLF861
APPLICATION INFORMATION
RF performance in a common source class-AB circuit. Th =25
°C; Rth mb-h = 0.15 K/W, unless otherwise specified.
Notes
1.
Sync compression: input sync:
≥33%; output sync: 27 %
measured in narrowband testcircuit.
Ruggedness in class-AB operation
The BLF861 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the
following conditions: VDS = 32 V; f = 860 MHz at rated load power.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
Gp
(dB)
ηD
(%)
dIM
(dBc)
∆Gp
(dB)
CW, class-AB
860
32
1.15
150
>14
>50
−≤1
2-tone, class-AB
f1 = 860
f1 = 860.1
32
1.15
150 (PEP)
>14
>40
≤−30
−
PAL BG (TV), class-AB
860
(ch 69)
32
1.15
typ.170
(peak sync)
>14
>40
−
note 1
Fig.3
Input impedance as a function of frequency
(series components); typical values per
section.
CW, class-AB operation; VDS =32 V; IDQ =1.15 A;
PL = 170 W (total device) ; Th =25
°C.
0
4
8
12
400
500
600
700
800
900
f (MHz)
Zi
(
Ω)
ri
xi
Fig.4
Load impedance as a function of frequency
(series components); typical values per
section.
CW, class-AB operation; VDS =32 V; IDQ =1.15 A;
PL = 170 W (total device) ; Th =25
°C.
-6
-4
-2
0
2
4
6
8
10
400
500
600
700
800
900
f (MHz)
ZL
(
Ω)
RL
XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com