Electronic Components Datasheet Search
  English  ▼

X  

2DW1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2DW1
Description  2CW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2DW1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2DW1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2DW1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2DW1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
2DW 系列稳压二极管参数
型号
V
mA
mW
外形
型号
V
mA
mW
外形
1
2DW230
6.2
30
200
B-4
41
2DW12C
8.2
10
250
2
2DW231
6.2
30
200
B-4
42
2DW12D
9.1
10
250
3
2DW232
6.2
30
200
B-4
43
2DW12E
9~11
5
250
4
2DW233
6.2
30
200
B-4
44
2DW12F
12
5
250
5
2DW234
6.2
30
200
B-4
45
2DW12G
15
5
250
6
2DW235
6.2
30
200
B-4
46
2DW12H
18
5
250
7
2DW236
6.2
30
200
B-4
47
2DW12I
22
5
250
8
2DW7A
6.2
30
200
B-4
48
2DW130
42-55
180
10W
EF
9
2DW7B
6.2
30
200
B-4
49
2DW131
52-65
150
10W
EF
10
2DW7C 红
6.2
30
200
B-4
50
2DW132
62~75
130
10W
EF
11
2DW7C 黄
6.2
30
200
B-4
51
2DW133
70~85
110
10W
EF
12
2DW7C 无
6.2
30
200
B-4
52
2DW134
80~95
100
10W
EF
13
2DW7C 绿
6.2
30
200
B-4
53
2DW135
90~110
90
10W
EF
14
2DW7C 灰
6.2
30
200
B-4
54
2DW136
100~120
80
10W
EF
15
2DW1A
5.1
240
55
2DW137
110~130
70
10W
EF
16
2DW1B
6
200
56
2DW138
120~145
65
10W
EF
17
2DW1
6.8
170
57
2DW139
135~155
63
10W
EF
18
2DW2
8.2
150
58
2DW140
145~165
60
10W
EF
19
2DW3
9.1
135
59
2DW141
155~190
50
10W
EF
20
2DW4
10
120
60
2DW142
180~200
50
10W
EF
21
2DW5
11
100
61
2DW143
190~220
45
10W
EF
22
2DW6
12
90
62
2DW12C
8.2
10
250
EF
23
2DW7
13
80
63
2DW12D
9.1
10
250
EF
24
2DW8
14
75
64
2DW12E
9~11
5
250
EF
25
2DW9
15
70
65
2DW12F
12
5
250
EF
26
2DW10
16
65
66
27
2DW11
17
60
67
28
2DW12
18
55
68
29
2DW13
19
55
69
30
2DW14
20
50
70
31
2DW15
21
50
71
32
2DW16
22
45
72
33
2DW17
23
45
73
34
2DW18
24
40
74
35
2DW19
25
40
75
36
2DW8A
5~6
10
200
76
37
2DW8B
5~6
10
200
77
38
2DW8C
5~6
10
200
78
39
2DW12A
6.2
10
250
79
40
2DW12B
6.8
10
250
80
申华电子有限公司技术部制作
http://www.shdz.cc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com