Electronic Components Datasheet Search
  English  ▼

X  

2DW13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2DW13
Description  2CW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2DW13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2DW13 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2DW13 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2DW13 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2CW 系列稳压二极管参数
型号
V
mA
mW
外形
型号
V
mA
mW
外形
1
2CW7
3
70
EA-2, -3
41
2CW75
11
21
250
ED-1,EA
2
2CW7A
3.9
55
EA-2, -3
42
2CW76
12
20
250
ED-1,EA
3
2CW7B
5.1
45
EA-2, -3
43
2CW77
13
18
250
ED-1,EA
4
2CW7C
6
38
EA-2, -3
44
2CW78
15
14
250
ED-1,EA
5
2CW7D
7
33
EA-2, -3
45
2CW9(旧)
2
83
250
ED-1,EA
6
2CW7E
8.2
29
EA-2, -3
46
2CW10(旧)
3
71
250
ED-1,EA
7
2CW7F
9.1
26
EA-2, -3
47
2CW11(旧)
4
55
250
ED-1,EA
8
2CW7G
10
23
EA-2, -3
48
2CW12(旧)
5.1
41
250
ED-1,EA
9
2CW7H
11
20
EA-2, -3
49
2CW13(旧)
6
38
250
ED-1,EA
10
2CW7I
13
18
EA-2, -3
50
2CW14(旧)
7
33
250
ED-1,EA
11
2CW7J
15
14
EA-2, -3
51
2CW15(旧)
8.2
27
250
ED-1,EA
12
2CW7K
18
12
EA-2, -3
52
2CW16(旧)
9.1
26
250
ED-1,EA
13
2CW7L
21
10
EA-2, -3
53
2CW17(旧)
10
23
250
ED-1,EA
14
2CW7M
24
9
EA-2, -3
54
2CW18(旧)
10
20
250
ED-1,EA
15
2CW7N
27
8
EA-2, -3
55
2CW19(旧)
12
19
250
ED-1,EA
16
2CW50
2
83
250
ED-1,EA
56
2CW19(旧)
13
16
250
ED-1,EA
17
2CW51
3
71
250
ED-1,EA
57
2CW20(旧)
15
14
250
ED-1,EA
18
2CW52
4
55
250
ED-1,EA
58
2CW20A(旧)
18
13
250
ED-1,EA
19
2CW53
5.1
41
250
ED-1,EA
59
2CW20B(旧)
22
10
250
ED-1,EA
20
2CW54
6
38
250
ED-1,EA
60
2CW23A(旧)
20
11
250
ED-1,EA
21
2CW55
7
33
250
ED-1,EA
61
2CW23B(旧)
22
10
250
ED-1,EA
22
2CW56
8.2
27
250
ED-1,EA
62
2CW23B(旧)
24
9
250
ED-1,EA
23
2CW57
9.1
26
250
ED-1,EA
63
2CW23C(旧)
27
9
250
ED-1,EA
24
2CW58
10
23
250
ED-1,EA
64
2CW23C(旧)
29
8
250
ED-1,EA
25
2CW59
10
20
250
ED-1,EA
65
2CW23C(旧)
32
7
250
ED-1,EA
26
2CW60
12
19
250
ED-1,EA
66
2CW23D(旧)
34
7
250
ED-1,EA
27
2CW61
13
16
250
ED-1,EA
67
2CW23E(旧)
37
6
250
ED-1,EA
28
2CW62
15
14
250
ED-1,EA
68
2CW1(旧)
8.2
29
250
ED-1,EA
29
2CW63
18
13
250
ED-1,EA
69
2CW2(旧)
9.1
25
250
ED-1,EA
30
2CW64
20
11
250
ED-1,EA
70
2CW3(旧)
10
23
250
ED-1,EA
31
2CW65
22
10
250
ED-1,EA
71
2CW4(旧)
11
21
250
ED-1,EA
32
2CW66
24
9
250
ED-1,EA
72
2CW5(旧)
12
20
250
ED-1,EA
33
2CW67
27
9
250
ED-1,EA
73
2CW5(旧)
13
18
250
ED-1,EA
34
2CW68
29
8
250
ED-1,EA
74
2CW6(旧)
15
14
250
ED-1,EA
35
2CW69
32
7
250
ED-1,EA
75
2CW100
2
330
1W
ED-2
36
2CW70
34
7
250
ED-1,EA
76
2CW101
3
280
1W
ED-2
37
2CW71
37
6
250
ED-1,EA
77
2CW102
4
220
1W
ED-2
38
2CW72
8.2
29
250
ED-1,EA
78
2CW103
5.1
165
1W
ED-2
39
2CW73
9.1
25
250
ED-1,EA
79
2CW104
6
150
1W
ED-2
40
2CW74
10
23
250
ED-1,EA
80
2CW105
7
130
1W
ED-2
申华电子有限公司技术部制作
http://www.shdz.cc


Similar Part No. - 2DW13

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
2DWELD COHERENT-2DWELD Datasheet
1Mb / 4P
Cost-Effective Process Head for High-Power Remote Laser Welding Applications
More results

Similar Description - 2DW13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com