Electronic Components Datasheet Search
  English  ▼

X  

TA375 Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # TA375
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA375 Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button TA375 Datasheet HTML 13Page - Pico Technology Ltd. TA375 Datasheet HTML 14Page - Pico Technology Ltd. TA375 Datasheet HTML 15Page - Pico Technology Ltd. TA375 Datasheet HTML 16Page - Pico Technology Ltd. TA375 Datasheet HTML 17Page - Pico Technology Ltd. TA375 Datasheet HTML 18Page - Pico Technology Ltd. TA375 Datasheet HTML 19Page - Pico Technology Ltd. TA375 Datasheet HTML 20Page - Pico Technology Ltd. TA375 Datasheet HTML 21Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
PicoScope® 4000A Series
PicoScope 4224A
PicoScope 4424A
PicoScope 4824A
General
PC connectivity
USB 3.0 SuperSpeed
USB 2.0 Hi-Speed compatible
PC connector type
USB 3.0 type B
PC requirements
Processor, memory and disk space: as required by the operating system
Ports: USB 3.0 (recommended) or 2.0 (compatible)
Power requirements
Powered from USB
Ground terminal
M4 screw terminal, rear panel.
Dimensions
190 x 170 x 40 mm (including connectors)
Weight
0.55 kg
Temperature range
Operating: 0 °C to 45 °C (20 °C to 30 °C for stated accuracy)
Storage: −20 °C to +60 °C.
Humidity range
Operating: 5% to 80% RH non-condensing
Storage: 5% to 95% RH non-condensing.
Altitude range
Up to 2000 m
Pollution degree
EN 61010 pollution degree 2: “only nonconductive pollution occurs except that occasionally a temporary conductivity caused
by condensation is expected”
Safety compliance
Designed to EN 61010-1; LVD compliant
EMC compliance
Tested to meet EN 61326-1 and FCC Part 15 Subpart B.
Environmental compliance
RoHS and WEEE
Warranty
5 years
Software
Windows software (32-bit or 64-bit)*
PicoScope 6, PicoLog 6, PicoSDK
macOS software (64-bit)*
PicoScope 6 Beta (including drivers), PicoLog 6 (including drivers)
Linux software (64-bit)*
PicoScope 6 Beta software and drivers, PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only
Raspberry Pi 4B (Raspberry Pi OS)*
PicoLog 6 (including drivers)
See Linux Software and Drivers to install drivers only
* See the picotech.com/downloads page for more information.
Languages supported, PicoScope 6
Chinese (simplified), Chinese (traditional), Czech, Danish, Dutch, English, Finnish, French, German, Greek, Hungarian, Italian,
Japanese, Korean, Norwegian, Polish, Portuguese, Romanian, Russian, Spanish, Swedish, Turkish
Languages supported, PicoLog 6
Simplified Chinese, Dutch, English (UK), English (US), French, German, Italian, Japanese, Korean, Russian, Spanish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com