Electronic Components Datasheet Search
  English  ▼

X  

TA261 Datasheet(PDF) 10 Page - Pico Technology Ltd.

Part # TA261
Description  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA261 Datasheet(HTML) 10 Page - Pico Technology Ltd.

Back Button TA261 Datasheet HTML 2Page - Pico Technology Ltd. TA261 Datasheet HTML 3Page - Pico Technology Ltd. TA261 Datasheet HTML 4Page - Pico Technology Ltd. TA261 Datasheet HTML 5Page - Pico Technology Ltd. TA261 Datasheet HTML 6Page - Pico Technology Ltd. TA261 Datasheet HTML 7Page - Pico Technology Ltd. TA261 Datasheet HTML 8Page - Pico Technology Ltd. TA261 Datasheet HTML 9Page - Pico Technology Ltd. TA261 Datasheet HTML 10Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
* Prices correct at the time of publication. Sales tax not included. Please check www.picotech.com for the latest prices before ordering.Errors and omissions excepted.
Pico Technology is a registered trademark of Pico Technology Ltd. PicoSource is a trademark of Pico Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. MATLAB is a registered trademark of The MathWorks, Inc. Windows and Excel are registered trademarks of
Microsoft Corporation in the United States and other countries.
MM072.en-6. Copyright © 2018–2021 Pico Technology Ltd. All rights reserved.
www.picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
* Prices are correct at the time of publication. Sales taxes not included. Please contact Pico for the latest prices before ordering.
More RF products from Pico...
PicoVNA 100 Series
6 and 8.5 GHz
vector network analyzers
PicoConnect
9 GHz
passive probes
Ordering information
Order code
Description
USD*
EUR*
GBP*
PQ163
PicoSource AS108 8 GHz Agile Synthesizer
6 465
5 495
4 535
TA314
Inter-series adaptor 50 Ω SMA(f)–N(m)
125
105
85
TA181
Attenuator 3 dB 10 GHz 50 Ω SMA(m–f)
85
71
59
TA261
Attenuator 6 dB 10 GHz 50 Ω SMA(m–f)
85
71
59
TA262
Attenuator 10 dB 10 GHz 50 Ω SMA(m–f)
85
71
59
TA173
Attenuator 20 dB 10 GHz 50 Ω SMA(m–f)
85
71
59
TA265
Precision sleeved coaxial cable 30 cm 1.3 dB at 13 GHz
73
62
51
TA312
Precision sleeved coaxial cable 60 cm 2.2 dB at 13 GHz
73
62
51
TA358
Dual-break torque wrench N-type 1 N·m / 8.85 in·lb
215
179
149
TA356
Dual-break torque wrench SMA / PC3.5 / K-type, 1 N·m / 8.85 in·lb
215
179
149
PicoScope 9000 Series
25 GHz
sampling oscilloscopes
PicoSource PG900 Series
40 ps
pulse generators
United Kingdom global headquarters
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com