Electronic Components Datasheet Search
  English  ▼

X  

MS-K Datasheet(PDF) 4 Page - ITT Industries

Part # MS-K
Description  Firewall Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS-K Datasheet(HTML) 4 Page - ITT Industries

  MS-K Datasheet HTML 1Page - ITT Industries MS-K Datasheet HTML 2Page - ITT Industries MS-K Datasheet HTML 3Page - ITT Industries MS-K Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.ittcannon.com
205
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Firewall Connectors
MS-K
Recommended Procedures
CONTACT RETAINING CLIP
FRONT
INSULATOR
CONTACT
(CRIMP-ON
TERMINALS)
REAR
INSULATOR
INSERT
RETAINING
RING
INSERT
RETAINING
WASHER
STEEL ENDBELL
FIGURE 1
STEEL BARREL
Contact Size
16-Pin
8S-36
16 Pin*
8S-36
16 Socket
8S-16S
16 Socket
12-36
16 Socket*
12-36
12 Pin
12 Socket
8 Pin
8 Socket
4 Pin
4 Socket
0 Pin
0 Socket
330-0187-000
030-1154-000
031-0497-000
031-0498-000
031-0728-000
330-0188-000
031-0499-000
330-0189-000
031-0500-000
330-0190-000
031-0501-000
330-0191-000
031-0502-000
16-Pin
8S-36
16 Pin*
8S-36
16 Socket
8S-16S
16 Socket
12-36
16 Socket*
12-36
12 Pin
12 Socket
8 Pin
8 Socket
4 Pin
4 Socket
0 Pin
0 Socket
320-0002-000
320-0001-000
320-0013-000
320-0005-000
320-0008-000
320-0009-000
320-0007-000
320-0010-000
320-0014-000
320-0011-000
320-0006-000
320-0012-000
320-0015-000
16-18-20
16-18-20
16-18-20
16-18-20
16-18-20
12-14
12-14
8
8
4
4
0
0
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
MS22520/1-01
MS3191-1
CBT600B or
CBT600
CBT600B or
CBT600
CBT600B or
CBT600
CBT600B or
CBT600
CBT600B
CBT600B
TH119 Turret
L16-3191-8
TH119 Turret
L16-3191-8
TH119 Turret
L16-3191-8
TH119 Turret
L16-3191-7
TH119 Turret
L16-3191-7
TH119 Turret
L12-3191-4
TH119 Turret
L12-3191-4
CCHP8
CCHP8
CCHP4
CCHP4
CCHP0-6
CCHP0-6
-
-
-
-
-
-
-
CCH8-1
CCH8-1
CCH4-1
CCH4-1
CCH0-1
CCH0-1
Part Number
Wire Accom.
Crimp Tool
Locator
Crimp Head†
Contact Size
Kit Part Number
MS-K Contacts and Crimp Tools can be ordered separately
MS-K Contacts Assembly Kit
With Contact and Retaining Ring
*NOTE: For MS-K Assembly it is not neccessary to remove the ceramic retaining ring used on sizes 16
and 12 contacts for MS-K providing that the crimp tool M22520/1-01 is used with the TH119 turret.
However, the formica ring must be removed if using the crimp tools listed below.
*These contacts must be used when ordering contact arrangments 24-28 pin or socket, 28-21 pin or socket, and 20-27 socket only.
†Crimp heads are only applicable for contact sizes 8, 4, and 0.
When using the MS3191-1 (or CCT-1612) crimp tool with property locator, both the ceramic or formica
retaining ring for sizes 16 and 12 contacts must be removed. For sizes 8, 4, and 0 contacts, the
ceramic or formica retaining rings must be removed before crimping.
STEEL COUPLING NUT
1. Remove Formica retaining ring (or the ce-
ramic retaining ring) from contact (Figure 1).
2. Crimp contact to wire.
3. Slip endbell (or junction shell), retaining ring,
and washer over wire bundle.
4. Push contact thru rear insulator. (Contact
should extend sufficiently to accomplish
Step 5.)
5.
Attach Formica retaining ring onto the con-
tact (see Figure 1).
6.
Seat each contact securely in rear insulator.
7.
Assemble front insulator on engaging end of
contact.
8.
Slide insulator assembly into hardware.
9.
Slide washer and insulator retaining ring into
place, making sure that insulator retaining is
fully seated in groove.
10. Slide endbell or junction shell down wire
bundle and attach to shell (or barrel).
*
Assembly Instructions
Contacts, Crimp Tools, Contact Kit Part Numbers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com