Electronic Components Datasheet Search
  English  ▼

X  

CC008 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # CC008
Description  High-resolution data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC008 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  CC008 Datasheet HTML 1Page - Pico Technology Ltd. CC008 Datasheet HTML 2Page - Pico Technology Ltd. CC008 Datasheet HTML 3Page - Pico Technology Ltd. CC008 Datasheet HTML 4Page - Pico Technology Ltd. CC008 Datasheet HTML 5Page - Pico Technology Ltd. CC008 Datasheet HTML 6Page - Pico Technology Ltd. CC008 Datasheet HTML 7Page - Pico Technology Ltd. CC008 Datasheet HTML 8Page - Pico Technology Ltd. CC008 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High-resolution data logger
ADC-20 and ADC-24
Low cost, high precision
20 or 24-bit resolution
Measures up to 16 channels
Inputs configurable as single-ended or differential
Terminal board available for easy connections
Up to 7 input ranges (±39 mV to ±2.5 V)
Digital control outputs
USB isolation
Up to 15 measurements per second
Powered from USB port
Free PicoLog 6 Cloud® software
Free PicoLog 6 Cloud account
Multiple units can be run on a single PC
Compatible with Windows, macOS, Linux and Raspberry Pi OS
www.picotech.com
®


Similar Part No. - CC008

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
CC001 PICO-CC001 Datasheet
9Mb / 11P
Cloud-connected 8-channel thermocouple data logger
CC006 PICO-CC006 Datasheet
6Mb / 9P
High-accuracy platinum resistance data logger
More results

Similar Description - CC008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Schneider Electric
EBX210 SCHNEIDER-EBX210 Datasheet
95Kb / 2P
ComX 210 - data logger - UL
May 21, 2020
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
PT-104 PICO-PT-104 Datasheet
6Mb / 9P
High-accuracy platinum resistance data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com