Electronic Components Datasheet Search
  English  ▼

X  

PP803 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # PP803
Description  Current data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP803 Datasheet(HTML) 7 Page - Pico Technology Ltd.

  PP803 Datasheet HTML 1Page - Pico Technology Ltd. PP803 Datasheet HTML 2Page - Pico Technology Ltd. PP803 Datasheet HTML 3Page - Pico Technology Ltd. PP803 Datasheet HTML 4Page - Pico Technology Ltd. PP803 Datasheet HTML 5Page - Pico Technology Ltd. PP803 Datasheet HTML 6Page - Pico Technology Ltd. PP803 Datasheet HTML 7Page - Pico Technology Ltd. PP803 Datasheet HTML 8Page - Pico Technology Ltd. PP803 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PicoLog® CM3 current data logger
Specifications
Functional
Number of channels
3
Maximum number of units
20
Range (voltage input)
0 to 1 V AC true RMS, 20 Hz to 1 kHz
Accuracy (voltage input)
< 200 mV RMS
< 1 V RMS
±1%
±2.5%
RMS noise
60 µV
Resolution
24 bits
Conversion time per enabled channel
720 ms
Input connectors
4 mm sockets
Input impedance
> 1 MΩ, AC coupled
Overvoltage protection
±30 V DC
Environmental
Operating temperature range
Operating humidity range
0 to 50 °C (20 to 28 °C for stated accuracy)
20 to 80 %RH, non-condensing
Storage temperature range
Storage humidity range
–20 to +80 °C
5 to 95 %RH, non-condensing
General
Software
PicoLog Cloud, PicoSDK (available from www.picotech.com/downloads)
Example code (available from Pico’s GitHub organization page, github.com/picotech)
PC requirements (PicoLog Cloud app)
Windows, macOS, Linux or Raspberry Pi OS. For supported OS versions, see PicoLog 6 Release Notes.
Hardware as required by the operating system.
PC requirements (viewer)
Any device with internet access, a web browser and a screen
PicoLog user interface languages
English, French, Italian, German, Spanish, Chinese, Japanese, Korean, Russian
Additional hardware (supplied)
USB 2.0 cable, Ethernet cable, Quick Start Guide (three TA138 curent clamps are supplied in the optional PicoLog CM3 kit)
USB port
Conforms to USB 2.0 Full-Speed (12 Mbps)
Ethernet port
Conforms to IEEE 802.3 10Base-T.
Compatible with 10/100/1000Base-T networks.
Conforms to IEEE 802.3af Power-over-Ethernet (PoE).
Power requirements
Powered from USB port or Ethernet
USB: 5 V ±10% @ <100 mA
USB (Ethernet enabled): 5 V ±10% @ <200 mA
Ethernet: 48 V ±20% @ <40 mA (< 2 W)
Dimensions
184 x 135 x 36 mm (approx 7.2 x 5.3 x 1.4 in)
Compliance
European EMC and LVD standards; FCC Rules Part 15 Class A; RoHS compliant
Warranty
5 years



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com