Electronic Components Datasheet Search
  English  ▼

X  

PQ151 Datasheet(PDF) 22 Page - Pico Technology Ltd.

Part # PQ151
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ151 Datasheet(HTML) 22 Page - Pico Technology Ltd.

Back Button PQ151 Datasheet HTML 14Page - Pico Technology Ltd. PQ151 Datasheet HTML 15Page - Pico Technology Ltd. PQ151 Datasheet HTML 16Page - Pico Technology Ltd. PQ151 Datasheet HTML 17Page - Pico Technology Ltd. PQ151 Datasheet HTML 18Page - Pico Technology Ltd. PQ151 Datasheet HTML 19Page - Pico Technology Ltd. PQ151 Datasheet HTML 20Page - Pico Technology Ltd. PQ151 Datasheet HTML 21Page - Pico Technology Ltd. PQ151 Datasheet HTML 22Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Errors and omissions excepted. Pico Technology, PicoScope, PicoLog, PicoSDK, FlexRes and DeepMeasure are registered trademarks of Pico Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is the registered trademark of Linus Torvalds, registered in the U.S. and other countries.
macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The MathWorks, Inc. Windows is a
registered trademark of Microsoft Corporation in the U.S. and other countries. GitHub is a registered trademark of GitHub Inc. in the U.S. and other countries.
MM093.en-4. Copyright © 2018–2021 Pico Technology Ltd. All rights reserved.
www.picotech.com
UK global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
More oscilloscopes in the PicoScope range...
PicoScope
2000 Series
The pocket-sized
PicoScope
PicoScope
6000E Series
High performance
Up to 1 GHz
PicoScope
9000 Series
Sampling scopes
and TDR to 25 GHz
PicoScope
4000 Series
High precision
12 to 16 bits
Ordering information
Order code Model number
Description
PQ143
PicoScope 5242D
60 MHz 2-channel oscilloscope
PQ149
PicoScope 5242D MSO
60 MHz 2-channel mixed-signal oscilloscope
PQ146
PicoScope 5442D
60 MHz 4-channel oscilloscope
PQ152
PicoScope 5442D MSO
60 MHz 4-channel mixed-signal oscilloscope
PQ144
PicoScope 5243D
100 MHz 2-channel oscilloscope
PQ150
PicoScope 5243D MSO
100 MHz 2-channel mixed-signal oscilloscope
PQ147
PicoScope 5443D
100 MHz 4-channel oscilloscope
PQ153
PicoScope 5443D MSO
100 MHz 4-channel mixed-signal oscilloscope
PQ145
PicoScope 5244D
200 MHz 2-channel oscilloscope
PQ151
PicoScope 5244D MSO
200 MHz 2-channel mixed-signal oscilloscope
PQ148
PicoScope 5444D
200 MHz 4-channel oscilloscope
PQ154
PicoScope 5444D MSO
200 MHz 4-channel mixed-signal oscilloscope
PP969
Carry case
Hard carry case with an internal foam cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com