Electronic Components Datasheet Search
  English  ▼

X  

TA375 Datasheet(PDF) 25 Page - Pico Technology Ltd.

Part # TA375
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA375 Datasheet(HTML) 25 Page - Pico Technology Ltd.

Back Button TA375 Datasheet HTML 20Page - Pico Technology Ltd. TA375 Datasheet HTML 21Page - Pico Technology Ltd. TA375 Datasheet HTML 22Page - Pico Technology Ltd. TA375 Datasheet HTML 23Page - Pico Technology Ltd. TA375 Datasheet HTML 24Page - Pico Technology Ltd. TA375 Datasheet HTML 25Page - Pico Technology Ltd. TA375 Datasheet HTML 26Page - Pico Technology Ltd. TA375 Datasheet HTML 27Page - Pico Technology Ltd. TA375 Datasheet HTML 28Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PicoScope 3000 Series
All PicoScope 3000 Series oscilloscopes
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman-Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to 1 million in powers of 2
Math channels
Functions
−x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh, freq, derivative, integral,
min, max, average, peak, delay, duty, highpass, lowpass, bandpass, bandstop, coupler
Operands
All analog and digital input channels, reference waveforms, time, constants, π
Automatic measurements
Oscilloscope mode
AC RMS, true RMS, cycle time, DC average, duty cycle, negative duty cycle, edge count, rising edge count, falling edge count,
falling rate, fall time, frequency, high pulse width, low pulse width, maximum, minimum, peak to peak, rise time, rising rate.
Spectrum mode
Frequency at peak, amplitude at peak, average amplitude at peak, total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR, IMD
Statistics
Minimum, maximum, average, standard deviation
DeepMeasure™
Parameters
Cycle number, cycle time, frequency, low pulse width, high pulse width, duty cycle (high), duty cycle (low), rise time, fall time,
undershoot, overshoot, maximum voltage, minimum voltage, voltage peak to peak, start time, end time
Serial decoding
Protocols
1-Wire, ARINC 429, CAN, CAN FD, DALI, DCC, DMX512, Ethernet 10BASE-T & 100BASE-TX, FlexRay, I²C, I²S, LIN, Manchester,
Modbus ASCII, Modbus RTU, PS/2, SENT Fast & Slow, SPI, UART (RS-232 / RS-422 / RS-485), USB 1.0/1.1
Mask limit testing
Statistics
Pass/fail, failure count, total count
Display
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, fast, advanced
Output file formats
bmp, csv, gif, animated gif, jpg, mat, pdf, png, psdata, pssettings, txt
Output functions
Copy to clipboard, print
General specifications
Connectivity
USB 3.0 SuperSpeed (USB 2.0 compatible) type B
Power requirements
Powered from a single USB 3.0 port
4-channel models: AC adaptor included for use with USB ports that supply less than 1200 mA
Ground terminal
M4 screw terminal, rear panel
Dimensions
190 mm x 170 mm x 40 mm including connectors
Weight
< 0.5 kg
Temperature range
Operating: 0 °C to 40 °C (15 °C to 30 °C for stated accuracy).
Storage: –20 °C to 60 °C
Humidity range
Operating: 5% RH to 80% RH non-condensing
Storage: 5% RH to 95% RH non-condensing
Altitude range
Up to 2000 m
Pollution degree
Pollution degree 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com