Electronic Components Datasheet Search
  English  ▼

X  

TA430 Datasheet(PDF) 23 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 23 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 19Page - Pico Technology Ltd. TA430 Datasheet HTML 20Page - Pico Technology Ltd. TA430 Datasheet HTML 21Page - Pico Technology Ltd. TA430 Datasheet HTML 22Page - Pico Technology Ltd. TA430 Datasheet HTML 23Page - Pico Technology Ltd. TA430 Datasheet HTML 24Page - Pico Technology Ltd. TA430 Datasheet HTML 25Page - Pico Technology Ltd. TA430 Datasheet HTML 26Page - Pico Technology Ltd. TA430 Datasheet HTML 27Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Test cables and calibration standards selection guide
Calibration kits can be purchased as a pair or as a single kit depending on the primary (best uncertainty) measurement application and its DUT interface, and sometimes to
meet a secondary purpose with other DUT interfaces. Budget may also be a consideration. Pico Technology provides for all purchase options. You can order any combination of
accessories, but to get you started we recommend that you choose one of the following ‘universal’ configurations.
Recommended configurations using manual SOLT calibration standards
For best overall test efficiency and uncertainty in a mix of single-port or dual-port test applications of both genders, we recommend these dual-port test lead and calibration
standards configurations and the use of test port adaptors as necessary. All calibration modes are then available and where needed port adaptors can be fully included in the
calibration.
Primary DUT interface Select
accessory
grade
Required test leads
Required manual SOLT
calibration kits
Supported
measurement
and calibration
modes
Port adapt for some DUTs…
Universal capability.
Dual-port devices or
any single-port device
with male or female or
male and female ports
Standard SMA
1x TA336 SMA male port
1x TA337 SMA female port
1x TA344 SMA male ports
1x TA345 SMA female ports
All single
and dual-port
calibration
modes and
S-parameters
To address dual-port single-gender non-insertable
devices, use and include within calibration 1x TA342
SMA(m-m) or TA343 SMA(f-f) test port adaptor.
Premium PC3.5 1x TA338 PC3.5 male port
1x TA339 PC3.5 female port
1x TA346 PC3.5 male ports
1x TA347 PC3.5 female ports
To address dual-port single gender non-insertable
devices, use and include within calibration 1x TA340
PC3.5(m-m) or TA341 PC3.5(f-f) test port adaptor.
The following configurations use just one SOLT calibration standard and are recommended where there is a focus on a particular port gender.
Primary DUT interface Select
accessory
grade
Required test leads
Required manual SOLT
calibration kits
Supported
measurement
and calibration
modes
Port adapt for some DUTs…
Single port or dual-
port noninsertable
with female port(s)
Standard SMA
2x TA336 SMA male port*
1x TA345 SMA female ports
All S-parameters
and all single
and dual-port
calibration
modes except
insertable
Note that mixed gender dual-port insertable devices
can be addressed by adding and de-embedding
1x TA341 PC3.5(f-f) or TA343 SMA(f-f) test port
adaptor**.
Premium PC3.5 2x TA338 PC3.5 male port*
1x TA347 PC3.5 female ports
Single port or dual-
port noninsertable
with male port(s)
Standard SMA
2x TA337 SMA female port*
1x TA344 SMA male ports
Note that mixed gender dual-port insertable devices
can be addressed by adding and de-embedding 1x
TA340 PC3.5(m-m) or TA343 SMA(m-m) test port
adaptor**.
Premium PC3.5 2x TA339 PC3.5 female port* 1x TA346 PC3.5 male ports
* Can reduce to a single test lead in single-port measurement applications.
** With only one calibration kit it is not possible to calibrate after port gender adaptation. Purchase a second calibration kit of opposing gender for full calibration of a port adaptor.
Alternatively, once a noninsertable calibration has been performed, it is possible to measure the port adaptor(s) and de-embed their error. A third option is to use reference plane
shift and/or normalization for a lesser correction of adaptor errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com