Electronic Components Datasheet Search
  English  ▼

X  

SE002 Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # SE002
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE002 Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button SE002 Datasheet HTML 3Page - Pico Technology Ltd. SE002 Datasheet HTML 4Page - Pico Technology Ltd. SE002 Datasheet HTML 5Page - Pico Technology Ltd. SE002 Datasheet HTML 6Page - Pico Technology Ltd. SE002 Datasheet HTML 7Page - Pico Technology Ltd. SE002 Datasheet HTML 8Page - Pico Technology Ltd. SE002 Datasheet HTML 9Page - Pico Technology Ltd. SE002 Datasheet HTML 10Page - Pico Technology Ltd. SE002 Datasheet HTML 11Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ordering information (continued)
Order code Product name
PP222
TC-08 thermocouple data logger with USB cable
Optional accessories
Order code Product name
PP624
Single-channel terminal board for use with TC-08 thermocouple data logger
MI106
Replacement Pico blue USB 2.0 cable, 1.8 m**
TA268
Pico blue USB 2.0 cable, 0.5 m**
MI121
Pico blue USB 2.0 cable, 4.5 m**
CC001
Calibration certificate for thermocouple loggers
*
Prices correct at the time of publication. Sales taxes not included. Please check www.picotech.com for the latest prices before ordering.
** Pico blue USB cables are designed and built specifically for use with Pico Technology oscilloscopes and data loggers in order to minimize
voltage drop and noise. Use your TC-08 data logger only with a Pico blue USB cable.
Errors and omissions excepted. Pico Technology, PicoLog, PicoLog Cloud and PicoSDK are internationally registered trademarks of Pico
Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is a registered trademark of Linus Torvalds, registered in the U.S. and
other countries. macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The
MathWorks, Inc. Windows and Excel are registered trademarks of Microsoft Corporation in the United States and other countries. GitHub is a
registered trademark of GitHub, Inc.
MM001.en-11. Copyright © 2004–2021 Pico Technology Ltd. All rights reserved.
www.picotech.com
UK global headquarters
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com