Electronic Components Datasheet Search
  English  ▼

X  

SE001 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # SE001
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE001 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  SE001 Datasheet HTML 1Page - Pico Technology Ltd. SE001 Datasheet HTML 2Page - Pico Technology Ltd. SE001 Datasheet HTML 3Page - Pico Technology Ltd. SE001 Datasheet HTML 4Page - Pico Technology Ltd. SE001 Datasheet HTML 5Page - Pico Technology Ltd. SE001 Datasheet HTML 6Page - Pico Technology Ltd. SE001 Datasheet HTML 7Page - Pico Technology Ltd. SE001 Datasheet HTML 8Page - Pico Technology Ltd. SE001 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
USB TC-08 thermocouple data logger
TC-08 thermocouple data logger
The TC-08 thermocouple data logger offers industry-leading performance and a cost-
effective temperature measurement solution. With eight direct thermocouple inputs,
the TC-08 can take accurate, rapid readings. In addition, you can use up to 20 units
simultaneously on one PC. The logger can measure and record temperatures ranging
from −270 °C to +1820 °C using the appropriate thermocouple type (B, E, J, K, N, R,
S, T). It draws power from your computer’s USB port, so no external power supply is
necessary.
Wide temperature range
The TC-08 thermocouple data logger is designed to measure a wide range of
temperatures using any thermocouple that has a miniature thermocouple connector.
Pico supplies a wide range of suitable thermocouples (see Ordering information).
All types of thermocouple in common use today are supported, allowing an effective
temperature range of −270 °C to +1820 °C (the actual temperature range depends on the
thermocouple being used).
You can also use the built-in cold junction compensation (CJC) circuit as a ninth channel
to measure ambient temperature.
Fast and accurate temperature data acquisition
With the TC-08 thermocouple data logger, you can make temperature measurements
both quickly and accurately.
The short conversion time of the TC-08 means that it can take up to 10 temperature
measurements every second (CJC counts as an additional measurement), while the high
(20-bit) resolution ensures that the TC-08 can detect minute changes in temperature. For
Type K thermocouples, the TC-08 can maintain a better than 0.025 °C resolution over a
−250 °C to +1370 °C range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com