Electronic Components Datasheet Search
  English  ▼

X  

SE000 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # SE000
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE000 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  SE000 Datasheet HTML 1Page - Pico Technology Ltd. SE000 Datasheet HTML 2Page - Pico Technology Ltd. SE000 Datasheet HTML 3Page - Pico Technology Ltd. SE000 Datasheet HTML 4Page - Pico Technology Ltd. SE000 Datasheet HTML 5Page - Pico Technology Ltd. SE000 Datasheet HTML 6Page - Pico Technology Ltd. SE000 Datasheet HTML 7Page - Pico Technology Ltd. SE000 Datasheet HTML 8Page - Pico Technology Ltd. SE000 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
USB TC-08 thermocouple data logger
Can I view captures on my smartphone or tablet?
PicoLog 6 has always been based on a framework that uses Chromium (Google’s open-
source browser) and Java, meaning it is already “browser ready”.
It couldn’t be easier to use! Navigate to the URL picolog.app in any browser and log
into your PicoLog Cloud account. This gives you instant and secure access to all your
live and saved Cloud captures on any internet-connected smart device, anywhere in the
world. Some browsers such as Google Chrome and Microsoft Edge make it possible to
“install” PicoLog Cloud as a PWA (progressive web app), so it will be available on your
home screen or desktop and work like a regular app.
Continuous capture, with or without network connection
Should your host PC lose network connection during a capture, PicoLog Cloud instantly
switches to use the PC’s own hard drive until the network connection is restored. Any
missing data is promptly synchronized back to the Cloud.
As always, PicoLog 6 in local capture mode is compatible with all PicoLog data loggers
and all PicoScope real-time oscilloscopes (with a sample rate limit of 1 kS/s). PicoLog
Cloud is compatible with the same instruments, except that the sample rate is limited to
1 S/s per channel.
Stream live Cloud capture data to your application with an API
Transferring captured data from a data logger software application to a third-party
application while the capture is running has been one of the longest outstanding
customer feature requests, and had been very difficult to implement until now. With
PicoLog Cloud data residing on a server, we’ve developed a simple server-side API that
allows programmers to request the live data in batches which is returned in a human-
and database-readable ASCII format.
This feature is particularly useful to users who want to add extra functionality such as
emailing alarms or captures, adding logger data
to existing databases, or displaying data in a
different way: fill tanks, percentage bars, throttle
gauges, large numerical displays and so on!
Once the Cloud capture is set up and acquiring
data, you enable public sharing for that capture
to generate an unsearchable URL containing a
unique ID for that capture on the PicoLog.app
server. The API contains just two calls:
•
Basic setup, channel IDs, last recorded value
and channel names.
•
Request a block of capture data with start
and end time parameters for the specified
channel(s)
The API is server-side and sends raw data to your custom application or database, so no
special software needs to be installed. Almost all relevant programming languages can
call the API URL, and simple code examples are available.
Although PicoLog Cloud is limited to 30-day captures in Cloud capture mode before it
overwrites the oldest data, you can use this API to transfer and back up your data to a
local or online database of your own.
PicoLog Cloud capture specifications
•
No limit to the number of stored captures
•
Sample rate up to 1 S/s per channel in cloud mode
•
Maximum capture duration is 30 days
•
Capture can be set to continuous overwrite or stop after set duration
•
Multiple host PicoLog Cloud captures can be used simultaneously on one user
account
•
View all your devices and captures from one place
•
Remote clients can export into CSV, PDF and HDF5 files from live and saved
captures
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com