Electronic Components Datasheet Search
  English  ▼

X  

VBM1102N Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBM1102N
Description  N-Channel 100-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM1102N Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBM1102N Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM1102N Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
Transconductance
Capacitance
0
20
40
60
80
100
120
140
0
2468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 7 V
4 V
6 V
5 V
0
30
60
90
120
150
180
0
20
40
60
80
100
120
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
300
600
900
1200
1500
1800
2100
0
25
50
75
100
125
150
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
120
140
012
34
567
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C
0.000
0.015
0.030
0.045
0.060
0
20
40
60
80
100
120
ID - Drain Current (A)
VGS = 10 V
0
4
8
12
16
20
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
VDS = 30 V
ID = 15 A
VBM1102N
www.VBsemi.com
3
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com