Electronic Components Datasheet Search
  English  ▼

X  

1071007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1071007
Description  SPTAF 1/10-3,5-EL-EX - PCB terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1071007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1071007 Datasheet HTML 1Page - PHOENIX CONTACT 1071007 Datasheet HTML 2Page - PHOENIX CONTACT 1071007 Datasheet HTML 3Page - PHOENIX CONTACT 1071007 Datasheet HTML 4Page - PHOENIX CONTACT 1071007 Datasheet HTML 5Page - PHOENIX CONTACT 1071007 Datasheet HTML 6Page - PHOENIX CONTACT 1071007 Datasheet HTML 7Page - PHOENIX CONTACT 1071007 Datasheet HTML 8Page - PHOENIX CONTACT 1071007 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 16 A, nominal cross section: 1.5 mm2, number of rows: 1,
number of positions per row: 10, product range: SPTAF 1/..-EL-EX, pitch: 3.5 mm, connection
method: Push-in spring connection, mounting: Wave soldering, conductor/PCB connection
direction: 45 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 2.6 mm, number of solder
pins per potential: 2, type of packaging: Tray
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Finger-operated release button for very convenient operation
•
Small component size for applications where space is at a premium
•
Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
•
Quick and convenient testing using integrated test option
•
Commercial Data
Item number
1071007
Packing unit
1 pc
Minimum order quantity
70 pc
Note
Made to Order (non-returnable)
Sales Key
AA12
Product Key
AALBGA
GTIN
4063151100742
Weight per Piece (including packing)
5.15 g
Weight per Piece (excluding packing)
5.15 g
Customs tariff number
85369010
Country of origin
PL
SPTAF 1/10-3,5-EL-EX - PCB terminal block
1071007
https://www.phoenixcontact.com/us/products/1071007
Jul 7, 2023, 5:21 AM
Page 1 (10)


Similar Part No. - 1071007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107100 PHOENIX-107100 Datasheet
550Kb / 38P
QUINT4-PS/1AC/24DC/10
1071000 PHOENIX-1071000 Datasheet
414Kb / 13P
PCB terminal block, Push-in spring connection
1071001 PHOENIX-1071001 Datasheet
415Kb / 13P
PCB terminal block, Push-in spring connection
1071002 PHOENIX-1071002 Datasheet
301Kb / 10P
SPTAF 1/ 5-3,5-EL-EX - PCB terminal block
1071003 PHOENIX-1071003 Datasheet
306Kb / 10P
SPTAF 1/ 6-3,5-EL-EX - PCB terminal block
More results

Similar Description - 1071007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1862123 PHOENIX-1862123 Datasheet
251Kb / 7P
PCB terminal block - SPTAF 1/10-3,5-EL
1071008 PHOENIX-1071008 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/11-3,5-EL-EX
10/28/2020
1071009 PHOENIX-1071009 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/12-3,5-EL-EX
10/28/2020
1071018 PHOENIX-1071018 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/10-3,5-IL-EX
10/28/2020
1071005 PHOENIX-1071005 Datasheet
298Kb / 10P
PCB terminal block - SPTAF 1/ 8-3,5-EL-EX
Jan 10, 2023
1071002 PHOENIX-1071002 Datasheet
301Kb / 10P
SPTAF 1/ 5-3,5-EL-EX - PCB terminal block
1071004 PHOENIX-1071004 Datasheet
302Kb / 10P
SPTAF 1/ 7-3,5-EL-EX - PCB terminal block
1071006 PHOENIX-1071006 Datasheet
302Kb / 10P
SPTAF 1/ 9-3,5-EL-EX - PCB terminal block
1071003 PHOENIX-1071003 Datasheet
306Kb / 10P
SPTAF 1/ 6-3,5-EL-EX - PCB terminal block
1862233 PHOENIX-1862233 Datasheet
360Kb / 10P
SPTAF 1/13-3,5-EL - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com